Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSS124F

  • AI
    The **CSS124F** generally refers to a specific series of **Current Sense Resistors** (often manufactured by companies like Stackpole Electronics). These components are critical in power management and circuit protection. --- ## 1. Component Overview The CSS124F is a surface-mount (SMD) ultra-precision metal strip resistor. Its primary function is to measure current flow by creating a small voltage drop that can be monitored by an integrated circuit (IC). ### Key Specifications | Feature | Typical Specification | | :--- | :--- | | **Case Size** | 1206 (3.2mm x 1.6mm) | | **Material** | Metal Alloy / Metal Strip | | **Tolerance** | ±1% (denoted by the 'F' in the part number) | | **Power Rating** | Usually 0.5W to 1W (depending on specific sub-series) | | **Resistance Range** | Low ohmic values (e.g., 1mΩ to 100mΩ) | --- ## 2. Technical Characteristics These resistors are engineered differently from standard thick-film resistors to ensure accuracy under high current loads. * **Low TCR (Temperature Coefficient of Resistance):** They maintain a stable resistance value even as the component heats up. * **High Power Density:** The metal strip construction allows the part to dissipate heat more efficiently than standard ceramic resistors. * **Inductance:** Designed with very low inductance, making them suitable for high-frequency switching applications. --- ## 3. Part Number Breakdown While manufacturer codes vary slightly, a typical breakdown for **CSS124F** looks like this: | Code Segment | Meaning | | :--- | :--- | | **CSS** | Series Name (Current Sensing Steel/Strip) | | **12** | Size Code (Refers to 1206 footprint) | | **4** | Power Rating / Variant Code | | **F** | Tolerance (F = ±1%) | --- ## 4. Typical Applications The CSS124F is found in electronic environments where monitoring "Amps" is necessary: 1. **Battery Management Systems (BMS):** Measuring charge and discharge rates in lithium batteries. 2. **DC-DC Converters:** Providing feedback loops for voltage regulation. 3. **Motor Control:** Detecting over-current conditions to prevent motor burnout. 4. **Power Supplies:** Implementing current limiting for safety. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a metal strip resistor and a thick film resistor?
    • ⤷ How do I calculate the voltage drop across a CSS124F resistor?
    • ⤷ What are the common failure modes for current sense resistors?