Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSS127P

  • AI
    The **CSS127P** is a high-performance **Shielded Power Inductor** commonly used in DC-DC conversion circuits. These components are designed to manage power efficiently while minimizing Electromagnetic Interference (EMI). --- ## 1. Technical Specifications The "127" in the part number typically refers to the physical dimensions (approximately 12mm x 12mm x 7mm). Below is a general specification profile for the CSS127P series: | Parameter | Typical Value Range | | :--- | :--- | | **Inductance Range** | 1.2µH to 1000µH | | **Tolerance** | ±20% (M) | | **Operating Temperature** | -40°C to +125°C | | **Dimensions (LxWxH)** | 12.5 x 12.5 x 7.5 (max) mm | | **Shielding** | Magnetically Shielded | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "P" in the series often denotes a specific packaging or shielding style. Because it is **magnetically shielded**, the magnetic flux stays contained within the core. * **Benefit:** Prevents interference with neighboring components on a crowded PCB. * **Benefit:** Reduces audible noise (buzzing) during high-current loads. ### B. High Saturation Current ($I_{sat}$) The CSS127P is engineered to handle high current before the inductance drops significantly. This is critical for power supplies where current spikes are common. ### C. Low DC Resistance (DCR) By using thick copper windings, these inductors maintain low internal resistance. * **Result:** Minimal power loss as heat. * **Result:** Higher overall efficiency for the power converter. --- ## 3. Common Applications Due to its robust size and power handling, the CSS127P is found in: * **Notebooks and Laptops:** In the VRM (Voltage Regulator Module) circuits. * **DC/DC Converters:** Buck, Boost, and SEPIC topologies. * **Telecommunications:** Base station power modules. * **LED Drivers:** Providing steady current to high-power lighting arrays. --- ## 4. Footprint and Land Pattern When designing a PCB for the CSS127P, the layout is critical for thermal management. ```text Standard Pad Layout (Approximate): [ 5.0mm ] [ 5.0mm ] +-------+ +-------+ | | < 12.5mm >| | | PAD | | PAD | +-------+ +-------+ ^ ^ |----- 7.0mm Gap ---| ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between saturation current and rms current for this inductor?
    • ⤷ How does the magnetic shielding affect the Q-factor of the CSS127P?
    • ⤷ Can the CSS127P be used in automotive applications?