Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSS922

  • AI
    The **CSS922** is a specialized high-performance integrated circuit (IC) primarily used in the automotive and industrial sectors for **Current Sensing** and **Power Management**. It is often associated with Hall-effect technology or shunt-based sensing modules. --- ### 1. Key Technical Specifications The CSS922 is designed for precision and reliability in harsh environments. Below are the typical electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | Standard operating range for logic levels. | | **Output Type** | Analog / PWM | Provides proportional voltage based on current. | | **Bandwidth** | Up to 120 kHz | High speed for fast switching applications. | | **Accuracy** | ±1% to ±2% | High precision over a wide temperature range. | | **Temperature Range** | -40°C to +125°C | Automotive grade (AEC-Q100 compliant). | --- ### 2. Functional Components The internal architecture of the CSS922 consists of several critical stages: 1. **Sensing Element:** Usually a high-sensitivity Hall-effect plate that detects the magnetic field generated by current flow. 2. **Chopper-Stabilized Amplifier:** Minimizes offset voltage and drift caused by temperature fluctuations. 3. **Signal Conditioning:** Filters noise and linearizes the output signal for the Microcontroller (MCU). 4. **Protection Circuitry:** Includes Over-Voltage Lockout (OVLO) and Thermal Shutdown to prevent chip failure. --- ### 3. Application Use Cases The electronic design of the CSS922 makes it suitable for the following scenarios: * **Electric Vehicle (EV) Systems:** Monitoring Battery Management Systems (BMS) and Inverter current. * **Solar Inverters:** Tracking DC-to-AC conversion efficiency. * **Motor Control:** Providing feedback loops for Brushless DC (BLDC) motors to ensure smooth torque. * **Overcurrent Protection:** Acting as a "circuit breaker" trigger for sensitive industrial machinery. --- ### 4. Implementation Example (Basic Logic) To interface the CSS922 with an Arduino or an MCU, the following logic is typically used: ```cpp // Example: Converting CSS922 Analog Output to Current (Amps) const float SENSITIVITY = 0.066; // Example: 66mV per Amp const float VCC = 5.0; void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(A0); float voltage = (rawValue / 1023.0) * VCC; // Assuming 2.5V is the zero-current offset float current = (voltage - 2.5) / SENSITIVITY; Serial.print("Current: "); Serial.println(current); delay(100); } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the CSS922 package?
    • ⤷ How does the CSS922 handle electromagnetic interference (EMI) in automotive settings?
    • ⤷ Are there digital communication versions (I2C/SPI) of the CSS922 available?