Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCE12M0G52-R0

  • AI
    The **CSTCE12M0G52-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® family and is widely used for providing stable clock signals to microcontrollers and other digital circuits. --- ## 1. Technical Specifications The following table outlines the core technical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Nominal Frequency** | 12.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% (over temp range) | | **Operating Temperature** | -20°C to +80°C | | **Internal Capacitance** | 10 pF (Built-in) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 3.2 x 1.3 mm | --- ## 2. Key Features and Functions ### Built-in Load Capacitors The most significant feature of the `CSTCE` series is that it includes **built-in load capacitors**. In a standard crystal oscillator circuit, you would typically need two external capacitors to ground. This part eliminates that need, which: * Reduces PCB space. * Lowers the total Bill of Materials (BOM) cost. * Simplifies circuit design. ### Ceramic vs. Quartz As a ceramic resonator, this part sits in the middle ground between a simple RC (Resistor-Capacitor) oscillator and a Quartz Crystal: * **Accuracy:** More accurate than RC oscillators but less precise than Quartz Crystals. * **Start-up Time:** Ceramic resonators start up significantly faster than Quartz crystals. * **Durability:** They are generally more resistant to mechanical shock and vibration. --- ## 3. Pin Configuration and Circuitry The device features 3 terminals in a small SMD footprint. ### Pinout Description 1. **Input (Osc1):** Connects to the XTAL input of the MCU. 2. **Ground (GND):** The center pin must be connected to the system ground. 3. **Output (Osc2):** Connects to the XTAL output of the MCU. ### Typical Implementation Code (Concept) While this is a hardware component, setting it up in a microcontroller environment (like an AVR or STM32) usually requires configuring the "Low Speed External" or "High Speed External" clock registers to "Bypass" or "Resonator" mode. ```c // Example: Pseudo-code for MCU Clock Initialization void Clock_Config() { // 1. Enable External Oscillator (HSE) // 2. Set source to Ceramic Resonator (12MHz) // 3. Configure PLL if higher system clock is needed RCC->CR |= RCC_CR_HSEON; while(!(RCC->CR & RCC_CR_HSERDY)); // Wait for stabilization } ``` --- ## 4. Common Applications * **Microcontrollers:** Serving as the main clock for 8-bit or 32-bit MCUs. * **Consumer Electronics:** Remote controls, toys, and small appliances. * **USB Peripherals:** Devices where a moderate frequency tolerance is acceptable.
    ✨ Follow-up Questions
    • ⤷ How does the frequency stability of this ceramic resonator compare to a standard quartz crystal?
    • ⤷ Can I use this part in automotive applications with high temperature requirements?
    • ⤷ What is the significance of the 'R0' suffix in the Murata part numbering system?