Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCE12M2G55-R0

  • AI
    ## Overview of CSTCE12M2G55-R0 The **CSTCE12M2G55-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing. It belongs to the CERALOCK® family, which is widely used in microcomputer peripheral circuits to provide a stable clock signal. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 12.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% | | **Load Capacitance** | 33 pF (Built-in) | | **Temperature Range** | -20°C to +80°C | | **Package Type** | SMD (Surface Mount Device) | | **Size (Length x Width)** | 3.2mm x 1.3mm | --- ### 2. Physical Structure and Pins Unlike simple two-terminal crystals, this ceramic resonator features **three terminals** because it includes built-in load capacitors. 1. **Input Pin:** Receives the signal from the oscillator circuit. 2. **GND Pin:** Connected to the system ground. 3. **Output Pin:** Sends the stabilized signal back to the IC. **Advantages of the 3-pin design:** * Reduces the need for external capacitors on the PCB. * Saves space in compact electronic designs. * Reduces total component count and assembly costs. --- ### 3. Application Use Cases The CSTCE12M2G55-R0 is typically used as a timing source for: * **Microcontrollers (MCUs):** Providing the heartbeat for 8-bit or 16-bit processors. * **USB Peripherals:** Generating clock cycles for data transmission. * **Consumer Electronics:** Used in remote controls, kitchen appliances, and toys. * **Automotive:** Found in non-safety critical systems like infotainment or comfort controls. --- ### 4. Comparison: Ceramic Resonator vs. Quartz Crystal | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal | | :--- | :--- | :--- | | **Accuracy** | Moderate (±0.5%) | High (±0.001%) | | **Start-up Time** | Very Fast | Slower | | **Cost** | Low | Higher | | **Size** | Small (Built-in caps) | Larger (External caps needed) | --- ### 5. Circuit Implementation Example In a standard microcontroller setup, the resonator is connected to the `OSC_IN` and `OSC_OUT` pins. ```cpp // Pseudocode for MCU clock configuration using a 12MHz external source void SystemClock_Config(void) { RCC_OscInitTypeDef RCC_OscInitStruct = {0}; // Enable External Oscillator (HSE) RCC_OscInitStruct.OscillatorType = RCC_OSCILLATORTYPE_HSE; RCC_OscInitStruct.HSEState = RCC_HSE_ON; // 12MHz Resonator active HAL_RCC_OscConfig(&RCC_OscInitStruct); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'G' and 'V' series in Murata resonators?
    • ⤷ How do the built-in capacitors affect the PCB layout?
    • ⤷ Can this part be used in high-temperature automotive applications?