Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCE12M5G52-R0

  • AI
    ## Technical Analysis of CSTCE12M5G52-R0 The **CSTCE12M5G52-R0** is a high-precision ceramic resonator manufactured by **Murata Manufacturing Co., Ltd.** It belongs to the CERALOCK® product line and is commonly used as a frequency control component in microcontrollers and digital circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency** | 12.5 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.2% | | **Load Capacitance** | 10 pF (Built-in) | | **Operating Temperature** | -20°C to +80°C | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | 3.2 x 1.3 mm (EIA 1205) | --- ### 2. Physical and Structural Design This component is part of the **CSTCE** series, which features integrated load capacitors. This design provides several advantages for electronic assembly: * **Integrated Capacitors:** It eliminates the need for two external load capacitors, saving PCB space and reducing the Bill of Materials (BOM) cost. * **Three-Terminal Structure:** 1. **Input:** Connected to the MCU clock input. 2. **Ground:** The center pin connects to the system ground. 3. **Output:** Connected to the MCU clock output. * **Small Footprint:** Its miniature size (3.2mm x 1.3mm) makes it ideal for high-density consumer electronics. --- ### 3. Functional Applications The 12.5 MHz frequency is typically utilized in the following scenarios: * **Microcontrollers (MCUs):** Acts as the primary clock source for 8-bit or 32-bit MCUs. * **USB Peripherals:** Often used in devices requiring stable timing for data transmission. * **Automotive Electronics:** Used in non-safety critical systems like infotainment or body control modules. * **Consumer Goods:** Found in remote controls, home appliances, and toys where the extreme precision of a quartz crystal is not required. --- ### 4. Comparison: Ceramic Resonator vs. Quartz Crystal | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal | | :--- | :--- | :--- | | **Cost** | Lower | Higher | | **Start-up Time** | Very Fast | Slower | | **Accuracy** | Moderate (±0.5%) | High (±0.001%) | | **Size** | Smaller (Integrated Caps) | Larger (External Caps needed) | --- ### 5. Part Number Breakdown ```text CSTCE 12M5 G 5 2 -R0 | | | | | | | | | | | └─ Packaging (Plastic Tape) | | | | └──── Load Capacitance (2 = 10pF) | | | └────── Frequency Tolerance (5 = ±0.5%) | | └──────── Frequency Stability (G = ±0.2%) | └──────────── Nominal Frequency (12M5 = 12.5MHz) └────────────────── Series Identifier (SMD with Built-in Cap) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CSTCE and CSTCR series?
    • ⤷ How do I calculate the PCB land pattern for this SMD component?
    • ⤷ Can this resonator be used in high-temperature automotive applications?