Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCE16M5V53-R0

  • AI
    The **CSTCE16M5V53-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It is part of the CERALOCK® product line, widely used in embedded systems to provide a stable clock signal for microcontrollers. --- ## 1. Component Overview Ceramic resonators are passive components used as frequency references. They occupy a middle ground between RC (Resistor-Capacitor) oscillators and Quartz Crystals—offering better precision than RC circuits but at a lower cost and smaller size than quartz crystals. ### Key Specifications | Parameter | Value / Detail | | :--- | :--- | | **Nominal Frequency** | 16.53 MHz | | **Frequency Tolerance** | ±0.5% | | **Operating Temperature** | -20°C to +80°C | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | 3.2 x 1.3 mm (Small Form Factor) | | **Built-in Capacitance** | Yes (Typically 15pF or similar depending on variant) | --- ## 2. Technical Features ### Built-in Load Capacitors The "V" series (CSTCE) features **integrated load capacitors**. In a traditional quartz crystal circuit, you must add two external capacitors to ground to complete the oscillation loop. With this part: - The capacitors are built into the ceramic body. - This saves PCB space and reduces the "Bill of Materials" (BOM) count. - It reduces parasitic interference, making the design more robust. ### Frequency Characteristics The frequency of **16.53 MHz** is a non-standard frequency compared to the generic 16.00 MHz. This specific frequency is often used in specialized communication protocols or timing circuits where a specific baud rate or division ratio is required. --- ## 3. Pinout and Circuit Application The device has three terminals (pins). 1. **Input (Pin 1):** Connected to the MCU's `OSC_IN`. 2. **Ground (Pin 2):** Connected to the system ground (common for internal capacitors). 3. **Output (Pin 3):** Connected to the MCU's `OSC_OUT`. --- ## 4. Comparison: Resonator vs. Crystal | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal | | :--- | :--- | :--- | | **Accuracy** | Moderate (±0.5%) | High (±0.001%) | | **Start-up Time** | Very Fast | Slow | | **Cost** | Low | Higher | | **Durability** | High (Vibration resistant) | Fragile | --- ## 5. Typical Applications * **Microcontrollers:** Providing the main system clock for 8-bit or 16-bit MCUs. * **Consumer Electronics:** Remote colors, toys, and small appliances. * **Automotive:** Non-safety critical systems like infotainment or body control (if temp range allows). * **USB/Communication:** Timing for low-speed communication interfaces.
    ✨ Follow-up Questions
    • ⤷How does the built-in capacitor affect the PCB layout design?
    • ⤷ What are the common failure modes of ceramic resonators?
    • ⤷ Can this part be replaced by a 16.00 MHz version in any circuit?