Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCE19M2V13L99-R0

  • AI
    ### Product Overview: CSTCE19M2V13L99-R0 The **CSTCE19M2V13L99-R0** is a specific electronic component manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** family, which are ceramic resonators used to provide a stable clock signal for microcontrollers and other digital circuits. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of this part: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Ceramic Resonator | | **Frequency** | 19.200 MHz | | **Frequency Tolerance** | ±0.1% | | **Built-in Capacitance** | 5 pF (Internal load capacitors) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | SMD (Surface Mount Device) | | **Dimensions** | 3.2 x 1.3 mm (Small Form Factor) | | **Frequency Aging** | ±0.1% over 10 years | --- ### Key Features and Internal Construction 1. **Built-in Load Capacitors:** Unlike standard quartz crystals that require two external capacitors to complete the oscillation circuit, this "V" series CERALOCK® has capacitors integrated within the package. This saves PCB space and reduces component count. 2. **Ceramic Material:** It utilizes the mechanical resonance of piezoelectric ceramics. While less precise than quartz crystals, ceramic resonators are more rugged and have a faster "start-up" time. 3. **High-Temperature Stability:** The "V" in the part number indicates high-temperature stability, making it suitable for automotive and industrial applications. 4. **SMD Design:** The small footprint (3213 metric size) is designed for automated pick-and-place assembly. --- ### Application Circuit In a typical microcontroller circuit, the resonator is connected to the `OSC_IN` and `OSC_OUT` pins. Because the capacitors are internal, the center pin is simply connected to Ground (GND). ```mermaid graph LR MCU[Microcontroller] --- Resonator[CSTCE19M2] Resonator --- GND[System Ground] ``` ### Common Use Cases * **Automotive Electronics:** Engine Control Units (ECUs), dashboard displays, and infotainment. * **Industrial Automation:** Sensor nodes and small PLC units. * **Consumer Electronics:** Remote controls and home appliances where 19.2MHz is a standard clock frequency.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a ceramic resonator over a quartz crystal?
    • ⤷ How does the built-in capacitance affect the PCB layout process?
    • ⤷ Are there equivalent parts with different frequency tolerances for tighter timing requirements?