Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCG23M0V53-R0

  • AI
    ## Detailed Technical Analysis: CSTCG23M0V53-R0 The **CSTCG23M0V53-R0** is a specific surface-mount (SMD) ceramic resonator produced by **Murata Manufacturing Co., Ltd.** It belongs to the CERALOCK® family, which is widely used for providing stable clock signals to microprocessors and other digital circuits. --- ### 1. Component Overview Ceramic resonators like this one utilize the mechanical resonance of piezoelectric ceramics (usually lead zirconate titanate). This specific part includes **built-in load capacitors**, which simplifies PCB design by reducing the need for external components. ### 2. Key Specifications | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 23.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% (over temp range) | | **Operating Temperature** | -20°C to +80°C | | **Built-in Capacitance** | 15 pF (Standard) | | **Package Size** | 2.5 x 2.0 mm | | **Mounting Type** | Surface Mount (SMD) | --- ### 3. Pinout and Circuit Structure The "CSTCG" series typically features a 3-pin configuration: 1. **Input (Pin 1):** Connected to the XTAL_IN of the MCU. 2. **Ground (Pin 2):** Center pin, connected to the system ground. 3. **Output (Pin 3):** Connected to the XTAL_OUT of the MCU. #### Internal Schematic Logic ```text [Resonator Element] Pin 1 ----( Ceramic )---- Pin 3 | | [Cap] [Cap] | | +---Pin 2---+ (GND) ``` --- ### 4. Part Number Breakdown Understanding the Murata naming convention helps in identifying the exact characteristics: * **CST**: Ceramic Resonator with built-in capacitors. * **CG**: Small SMD type (2.5 x 2.0mm). * **23M0**: Frequency (23.000 Megahertz). * **V**: Frequency tolerance/stability code. * **53**: Individual specification code (load capacitance, etc.). * **-R0**: Packaging code (Plastic Taping, φ=180mm Reel). --- ### 5. Application Advantages * **Space Saving:** The 2.5 x 2.0 mm footprint and integrated capacitors save significant board space compared to quartz crystals with external caps. * **Cost-Effective:** Generally cheaper than quartz crystal oscillators. * **Fast Startup:** Ceramic resonators typically have a faster startup time than quartz crystals, which is beneficial for power-saving modes. * **Robustness:** High resistance to mechanical vibration and shock.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between using a ceramic resonator like the CSTCG and a quartz crystal?
    • ⤷ Can you provide the recommended PCB landing pattern for the 2.5 x 2.0 mm package?
    • ⤷ How does temperature affect the frequency stability of the 23M0V53 model?