CSTCG24M5V53-R0
AI

## Detailed Technical Analysis: CSTCG24M5V53-R0
The **CSTCG24M5V53-R0** is a specific **Ceramic Resonator** manufactured by **Murata Electronics**. It belongs to the CERALOCK® family, which are high-reliability components used to provide a stable clock signal for microprocessors and other digital ICs.
---
### 1. Key Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 24.576 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over temp range) |
| **Operating Temperature** | -20°C to +80°C |
| **Load Capacitance** | 5pF (Internal Built-in) |
| **Package Size** | 2.0 x 1.3 mm (SMD) |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Functional Components
The "V" series (CSTCG) is designed with specific internal features that distinguish it from standard crystals:
1. **Ceramic Element:** Uses the mechanical resonance of piezoelectric ceramics. It is generally more robust and starts up faster than quartz crystals.
2. **Built-in Load Capacitors:** This part features **internal capacitors**. In a standard Pierce oscillator circuit, you usually need two external capacitors to ground. This part integrates them, saving PCB space and reducing component count.
3. **Small Form Factor:** The "CG" designation refers to the 2013 (metric) / 0805 (inch) package size, making it suitable for high-density mobile and portable electronics.
---
### 3. Part Number Breakdown
Understanding the Murata nomenclature helps identify the exact features:
* **CST**: Ceramic Resonator with built-in capacitance.
* **CG**: Small Profile Surface Mount Type (2.0 x 1.3mm).
* **24M5**: Frequency (24.576 MHz).
* **V**: Thick-film / High-frequency series.
* **53**: Frequency tolerance and specific design code.
* **-R0**: Packaging code (Plastic Taping, 180mm Reel).
---
### 4. Circuit Implementation
Because this part includes built-in capacitors, the wiring is simplified.
**Typical Schematic Connection:**
```text
[Microcontroller]
| (OSC1) (OSC2) |
| | | |
+----[Pin 1] [Pin 3]----+
| |
[ RESONATOR ]
| Pin 2 |
+----+----+
|
(GND)
```
* **Pin 1 & 3:** Input/Output (connected to the MCU oscillator pins).
* **Pin 2:** Ground (common for the internal capacitors).
---
### 5. Pros and Cons vs. Quartz Crystals
| Feature | Ceramic Resonator (CSTCG) | Quartz Crystal (XTAL) |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Startup Time** | Very Fast | Slower |
| **Accuracy** | Moderate (±0.5%) | High (ppm levels) |
| **Size** | Smaller (Built-in caps) | Larger (Requires external caps) |
---
- ⤷
What are the typical applications for a 24.576 MHz frequency in digital electronics?
- ⤷ How does the frequency stability of this ceramic resonator compare to a TCXO?
- ⤷ Can this part be used in automotive environments
- ⤷ or is there a specific 'A' version?