Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCG30M0V53-R0

  • AI
    The **CSTCG30M0V53-R0** is a specific surface-mount ceramic resonator produced by **Murata Manufacturing**. It belongs to the **CERALOCK®** product line, which is commonly used as a frequency-determining component in microcontrollers and other timing-sensitive circuits. --- ## 1. Technical Specifications Below are the key electrical and physical parameters for this specific part number: | Parameter | Value / Specification | | :--- | :--- | | **Nominal Frequency** | 30.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Load Capacitance** | 5 pF (Built-in) | | **Resonant Impedance** | 50 Ω (Max) | | **Operating Temperature** | -20°C to +80°C | | **Package / Case** | 0805 (Metric 2012) | | **Dimensions** | 2.0 x 1.3 mm | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Key Features * **Built-in Load Capacitors:** This part is a "three-terminal" device, meaning the load capacitors are integrated into the ceramic structure. This eliminates the need for external capacitors on the PCB, saving space and reducing cost. * **Small Footprint:** Utilizing the 0805 (2.0mm x 1.25mm) package size, it is ideal for high-density circuit designs. * **High Reliability:** Ceramic resonators are generally more rugged and resistant to mechanical shock than traditional quartz crystals. * **Cost-Effective:** While slightly less accurate than quartz crystals, they are significantly cheaper and sufficient for most MCU clocking requirements (USB, UART, etc.). --- ## 3. Terminal Configuration The CSTCG30M0V53-R0 has three terminals located on the underside of the package: 1. **Input/Output (Terminal 1):** Connected to the oscillator input of the IC. 2. **Ground (Terminal 2 - Center):** Connected to the circuit ground (Vss). 3. **Input/Output (Terminal 3):** Connected to the oscillator output of the IC. --- ## 4. Typical Applications This component is frequently found in: * **Microcontrollers (MCUs):** Providing the main system clock for 8-bit, 16-bit, and 32-bit processors. * **Consumer Electronics:** Handheld gaming devices, remote controls, and small appliances. * **Communication Equipment:** Low-speed data transfer modules where a ±0.5% frequency stability is acceptable. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between a ceramic resonator like this and a quartz crystal?
    • ⤷ How does the built-in load capacitance affect the PCB layout design?
    • ⤷ Can this component be used in high-speed USB applications that require 0.25% accuracy?