Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSTCG33M8V53-R0

  • AI
    The **CSTCG33M8V53-R0** is a specific surface-mount ceramic resonator produced by **Murata Electronics**. It belongs to the CERALOCK® family, which is widely used as a cost-effective alternative to quartz crystals for providing a clock signal to microprocessors. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Nominal Frequency** | 33.80 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% | | **Operating Temperature** | -20°C to +80°C | | **Load Capacitance** | 15 pF (Built-in) | | **Package Size** | 1.3mm x 1.1mm (SMD) | | **Mounting Type** | Surface Mount | --- ## 2. Key Internal Components The CSTCG33M8V53-R0 is not just a raw vibrating element; it is a composite component: 1. **Ceramic Substrate:** Uses piezoelectric ceramics that vibrate at a specific frequency when an electrical voltage is applied. 2. **Built-in Load Capacitors:** This part features "built-in capacitance." In a standard oscillation circuit, you usually need two external capacitors. This part integrates them, saving PCB space and reducing component count. 3. **Electrodes:** Silver or copper-based pads for surface mounting. --- ## 3. Applications and Usage This part is typically used in high-speed digital circuits where a stable frequency is required, but the extreme precision of a quartz crystal is not necessary. ### Typical Use Cases: * **Microcontrollers (MCUs):** Providing the main system clock. * **USB Peripherals:** Generating the timing for data transfer. * **Consumer Electronics:** Used in cameras, portable audio players, and small home appliances. * **Communication Equipment:** Local oscillators in low-cost RF modules. --- ## 4. Comparison: Resonator vs. Crystal | Feature | Ceramic Resonator (CSTCG) | Quartz Crystal | | :--- | :--- | :--- | | **Cost** | Low | High | | **Precision** | Moderate (±0.5%) | High (±0.001%) | | **Start-up Time** | Very Fast | Slower | | **Size** | Very Small (integrated caps) | Larger (requires external caps) | ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended oscillation circuit diagram for this part?
    • ⤷ How does the 'V' in the part number affect the temperature range?
    • ⤷ Can this resonator be used for high-precision timing applications like RTCs?