Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT-16-R

  • AI
    The **CT-16-R** is a specific electronic component most commonly identified as a **Radial Lead Power Inductor** (often associated with manufacturers like Central Technologies) or a specific **Current Transformer** model, depending on the context of the circuitry. Below is a detailed breakdown of the electronic characteristics and specifications typical for this part. --- ### 1. General Specifications The "CT" prefix usually denotes "Current Transformer" or "Choke/Inductor," while the "-R" suffix typically signifies **RoHS Compliance**. | Feature | Description | | :--- | :--- | | **Component Type** | Radial Fixed Inductor / Current Sensor | | **Mounting Style** | Through-Hole (Radial Leads) | | **Material Core** | Ferrite or Powdered Iron | | **Compliance** | RoHS (Lead-Free) | | **Common Application** | Power Filtering, Signal Coupling, Current Sensing | --- ### 2. Electronic Characteristics If the CT-16-R is being used as an **Inductor**, its performance is defined by the following parameters: * **Inductance Value:** Usually measured in Microhenries (µH) or Millihenries (mH). * **DC Resistance (DCR):** The internal resistance of the copper winding. A lower DCR is preferred to minimize heat loss. * **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 10% or 20%). * **Rated Current ($I_{rms}$):** The continuous DC current the part can handle without exceeding a specific temperature rise (typically 40°C). --- ### 3. Construction Details The physical build of the CT-16-R involves several key electronic materials: 1. **Coil Winding:** High-purity copper wire coated with an insulating enamel (Magnet Wire). 2. **Magnetic Core:** A ferrite drum or toroid core that concentrates the magnetic flux to increase inductance. 3. **Encapsulation:** Often coated in a flame-retardant polyolefin shrink tube or epoxy resin for environmental protection. 4. **Leads:** Tin-plated copper leads for reliable soldering on PCBs. --- ### 4. Circuit Applications The CT-16-R is typically found in the following electronic environments: * **Switch Mode Power Supplies (SMPS):** Used for energy storage or output ripple filtering. * **DC/DC Converters:** Acts as a storage element to step up or step down voltages. * **EMI/RFI Suppression:** Filters out high-frequency noise from power lines. * **Current Monitoring:** If configured as a transformer, it steps down high primary currents to a measurable secondary voltage. --- ### 5. Identification Code Breakdown `CT` - `16` - `R` * **CT:** Manufacturer Prefix (e.g., Central Technologies). * **16:** Physical size code or series designation (dimensions of the core). * **R:** RoHS Compliant / Radial lead configuration.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 16 series in your circuit?
    • ⤷ Are you looking for a datasheet comparison with a specific manufacturer like Central Technologies?
    • ⤷ Is this part being used for power filtering or current sensing?