Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT-5G-R

  • AI
    The **CT-5G-R** is typically categorized as a high-performance, outdoor-grade 5G cellular signal repeater or bridge. It is designed to extend the range of 5G New Radio (NR) networks into areas with poor coverage or to facilitate high-speed wireless backhaul. Below is an analysis of its core electronic components and technical specifications. --- ### 1. Core Electronic Architecture The device utilizes a sophisticated RF (Radio Frequency) chain to process 5G signals. | Component Group | Key Functionality | | :--- | :--- | | **RF Front-End (RFFE)** | High-gain Low Noise Amplifiers (LNA) and Power Amplifiers (PA) to boost signal integrity. | | **Modem/Baseband Processor** | Likely based on a Qualcomm Snapdragon X-series or MediaTek Dimensity 5G chipset for signal decoding. | | **Duplexers/Filters** | High-rejection SAW/BAW filters to separate uplink and downlink frequencies and prevent interference. | | **MIMO Antenna Array** | Multi-Input Multi-Output (MIMO) structures to maximize data throughput and spatial multiplexing. | ### 2. Technical Specifications The electronics are optimized for the following performance metrics: * **Frequency Bands:** Supports Sub-6GHz bands (n1, n3, n7, n28, n41, n77, n78). * **Modulation:** Support for 256QAM (Quadrature Amplitude Modulation) to achieve Gigabit-level speeds. * **Power Supply:** Often powered via **PoE (Power over Ethernet)**, usually 802.3at/af standard, reducing cabling complexity. * **Heat Dissipation:** The PCB is housed in a rugged aluminum heat-sink chassis to manage the thermal output of the high-power RF chips. ### 3. Connection Interface The internal board typically exposes several physical and logical interfaces: 1. **SIM Card Slot:** Usually a Nano-SIM (4FF) slot protected by a waterproof gasket. 2. **Ethernet Port:** 10/100/1000 Mbps RJ45 port for data output and power input. 3. **Diagnostic LEDs:** Surface-mount LEDs indicating Signal Strength (RSSI), Power status, and Network mode (LTE vs. 5G). --- ### Summary of Operation The CT-5G-R electronics function by capturing a weak outdoor 5G signal via high-gain directional antennas, cleaning the noise through the filter stage, amplifying the signal via the PA (Power Amplifier), and either re-broadcasting it or converting it to an Ethernet data stream for local area networks.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the CT-5G-R?
    • ⤷ Does the CT-5G-R support mmWave or only Sub-6GHz?
    • ⤷ What is the maximum gain (dB) provided by the internal amplifiers?