Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0402LSF-R42

  • AI
    The **CT0402LSF-R42** is a surface-mount electronic component, specifically a **high-frequency wire-wound inductor**. Based on the standard naming conventions used by manufacturers like Central Technologies, here is the technical breakdown: --- ### 1. Technical Specifications The part number can be decoded to understand its physical and electrical characteristics. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor (Wire-wound) | | **Case Size** | 0402 (0.04 x 0.02 inches / 1.0 x 0.5 mm) | | **Inductance** | 0.42 µH (420 nH) | | **Tolerance** | Typically ±5% or ±10% (Indicated by suffix J or K) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Ceramic (LSF series usually denotes Low Profile/High Current) | --- ### 2. Key Features * **Miniaturization:** The 0402 footprint is extremely small, making it ideal for dense PCB layouts in mobile devices. * **High Q Factor:** Because it is wire-wound, it typically offers a higher Quality (Q) factor compared to multilayer inductors, meaning lower energy loss. * **High Self-Resonant Frequency (SRF):** Designed to maintain inductive properties at high frequencies. * **LSF Series Specifics:** The "LSF" designation often refers to a "Low Profile" series, designed for applications where vertical space is limited. --- ### 3. Applications The CT0402LSF-R42 is primarily used in high-frequency circuitry where signal integrity and power efficiency are critical: 1. **RF Circuits:** Used in impedance matching and filtering for Wi-Fi, Bluetooth, and cellular modules. 2. **EMI Suppression:** Acting as a high-frequency noise filter in small consumer electronics. 3. **Power Management:** Small-scale DC-DC converters where low-profile components are required. 4. **Decoupling:** Filtering out high-frequency noise from power supply lines. --- ### 4. Typical Footprint (0402) For PCB design, the dimensions are roughly: * **Length (L):** 1.0 mm * **Width (W):** 0.5 mm * **Height (H):** ~0.5 mm ```markdown [ 0402 Pad Layout ] ___ ___ | | | | | | [ ] | | <-- Component sits across pads |___| |___| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in RF performance?
    • ⤷ What is the Self-Resonant Frequency (SRF) for the R42 value?