Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT05-R75K-RC

  • AI
    The **CT05-R75K-RC** is a specific surface-mount electronic component, primarily categorized as a **Fixed Inductor**. Below is a detailed breakdown of its technical specifications and characteristics. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical properties: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **CT** | Series Prefix | Often indicates a specific manufacturer series (e.g., Central Technologies). | | **05** | Package Size | Represents the physical dimensions (typically EIA 0805 or similar). | | **R75** | Inductance Value | **0.75 µH** (R acts as the decimal point). | | **K** | Tolerance | **±10%** | | **RC** | RoHS Compliant | Indicates the part is Lead-free and meets environmental standards. | --- ## 2. Technical Specifications While exact values can vary slightly by manufacturer (most commonly associated with Central Technologies), here are the standard parameters for this type of inductor: ### Electrical Properties * **Inductance:** 0.75 µH * **Tolerance:** ±10% * **Core Material:** Typically Ceramic or Ferrite, depending on the specific frequency target. * **DC Resistance (DCR):** Usually low, designed to minimize power loss. * **Self-Resonant Frequency (SRF):** High, allowing for use in high-frequency RF applications. ### Physical Characteristics * **Mounting Type:** Surface Mount (SMD/SMT). * **Package Case:** 0805 (Imperial units) or 2012 (Metric units). * **Dimensions:** Approximately 2.0mm x 1.25mm. --- ## 3. Applications and Usage This part is commonly used in circuits where space is limited and high-frequency stability is required. * **RF Tuning:** Used in resonant circuits for wireless communication. * **Filtering:** Acts as a low-pass filter to block high-frequency noise while allowing DC to pass. * **Decoupling:** Prevents high-frequency signals from interfering with other parts of a power supply rail. * **Signal Conditioning:** Used in high-speed data lines to maintain signal integrity. --- ## 4. Key Advantages 1. **Miniaturization:** The 0805 footprint is ideal for high-density PCB designs. 2. **High Q Factor:** Often features a high "Quality Factor," meaning it has low energy loss relative to its energy storage. 3. **Environmental Compliance:** The "RC" suffix ensures suitability for modern manufacturing regulations.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ Can you provide a comparison between 0805 and 0603 inductor sizes?
    • ⤷ Which manufacturers are the primary producers of the CT05 series?