Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0603CSF-R10M

  • AI
    The **CT0603CSF-R10M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits due to their high "Q" factor and stability at high frequencies. ### 1. Part Number Breakdown The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CT** | Series Identifier | Ceramic core wire-wound chip inductor | | **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) | | **CSF** | Style/Material | Standard ceramic core, high-frequency series | | **R10** | Inductance Value | **0.10 µH** (or 100 nH) | | **M** | Tolerance | **±20%** | --- ### 2. Technical Specifications The electrical behavior of this inductor is optimized for signal integrity in wireless communication devices. | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 100 nH (0.10 µH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.46 Ohms (Max) | | **Rated Current** | ~400 mA (Max) | | **Self-Resonant Frequency (SRF)** | ~1200 MHz | | **Quality Factor (Q)** | ~28 (at 150 MHz) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction The **Ceramic Core** is a critical feature. Unlike ferrite cores, ceramic cores do not saturate and provide excellent thermal stability. * **Wire-Wound Design:** Copper wire is wound around the ceramic body. This provides much higher "Q" factors and current handling compared to multilayer chip inductors. * **Encapsulation:** Often coated with an epoxy or transparent resin to protect the windings from physical damage and oxidation. ### 4. Typical Applications This specific value (100 nH) in a 0603 package is commonly found in: * **RF Matching Networks:** Impedance matching for antennas. * **Filter Circuits:** Low-pass or high-pass filters in mobile phones and Wi-Fi modules. * **Oscillators:** Used in VCOs (Voltage Controlled Oscillators). * **Signal Decoupling:** Preventing high-frequency noise from entering sensitive circuit blocks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q' factor impact RF circuit performance?
    • ⤷ Can this inductor be used for power supply filtering?