Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0603CSF-R12M

  • AI
    The **CT0603CSF-R12M** is a high-frequency, surface-mount (SMD) wire-wound ceramic core chip inductor. It is commonly used in RF (Radio Frequency) circuits where high stability and low loss are required. --- ## 1. Part Number Breakdown The part number can be decoded to understand its fundamental physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CT** | Series Prefix | Wire-wound Ceramic Chip Inductor | | **0603** | Case Size | 0603 (Inch) / 1608 (Metric) | | **CSF** | Construction | Ceramic Core Standard Feature | | **R12** | Inductance Value | **120 nH** (R denotes decimal, 0.12µH) | | **M** | Tolerance | **±20%** | --- ## 2. Key Technical Specifications Below are the typical electrical parameters for this specific component: * **Inductance:** 120 nH * **Tolerance:** ±20% * **Quality Factor (Q):** Usually high (typically ~32 at 150MHz) due to the wire-wound ceramic construction. * **Self-Resonant Frequency (SRF):** Approximately 1100 MHz (1.1 GHz). * **DC Resistance (DCR):** Max 0.65 Ω. * **Rated Current (Idc):** Approximately 400 mA. * **Operating Temperature:** -40°C to +125°C. --- ## 3. Construction and Materials ### Ceramic Core Unlike ferrite cores, the **ceramic core** provides no magnetic flux concentration. This results in: * Extremely high SRF (Self-Resonant Frequency). * No magnetic saturation (the inductance remains stable regardless of current). * Excellent thermal stability. ### Wire-Wound Technology The copper wire is wound around the ceramic body. This method provides lower DC resistance (DCR) and higher current carrying capacity compared to multilayer chip inductors of the same size. --- ## 4. Common Applications Due to its high-frequency characteristics, the CT0603CSF-R12M is typically found in: 1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules. 2. **Filters:** Used in high-pass, low-pass, and band-pass filter circuits. 3. **Oscillators:** Providing stable inductance for LC tank circuits. 4. **Signal Isolation:** Decoupling high-frequency noise in communication equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in RF applications?
    • ⤷ How does the 0603 case size compare to 0402 in terms of performance?
    • ⤷ Can I substitute a 120nH inductor with a +/-10% tolerance for this +/-20% part?