Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0603CSF-R18J

  • AI
    The **CT0603CSF-R18J** is a high-frequency, surface-mount (SMD) wire-wound ceramic core inductor. These components are primarily used in RF (Radio Frequency) circuits where high precision and low loss are required. --- ### 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 180 nH | The nominal inductance value | | **Tolerance** | ±5% (J) | The allowable deviation from nominal value | | **Case Size** | 0603 (EIA) | Physical dimensions (approx. 1.6mm x 0.8mm) | | **Core Material** | Ceramic | Non-magnetic core for high-frequency stability | | **Max DC Resistance** | 1.25 Ω | Resistance at zero frequency (heat loss) | | **Rated Current** | 240 mA | Maximum continuous current allowable | | **Self Resonant Freq.** | 1000 MHz | The frequency at which the part stops acting as an inductor | | **Quality Factor (Q)** | 25 (at 100 MHz) | Efficiency of the inductor (energy stored vs. lost) | --- ### 2. Part Number Breakdown The nomenclature follows a specific pattern used by manufacturers (like Central Technologies): * **CT**: Series Prefix (Central Technologies). * **0603**: Package footprint (0.06 x 0.03 inches). * **CSF**: Ceramic Surface-mount Filter/Inductor type. * **R18**: The value (R denotes decimal point in microhenries: 0.18µH = 180nH). * **J**: Tolerance code (J = ±5%). --- ### 3. Key Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, these use a physical wire wrapped around a ceramic core, providing much higher **Q factors** and better current-handling capabilities. * **Ceramic Core:** Provides excellent thermal stability and very high SRF (Self Resonant Frequency), making it ideal for high-speed communication lines. * **Compact Footprint:** The 0603 size is standard for high-density PCB designs in mobile devices and wireless modules. --- ### 4. Common Applications * **RF Tuning:** Used in impedance matching networks for antennas. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular GSM/LTE modules. * **Signal Filtering:** High-pass and Band-pass filters for signal integrity. * **VCOs:** Voltage Controlled Oscillators requiring stable inductance.
    ✨ Follow-up Questions
    • ⤷ What are the differences between ceramic core and ferrite core inductors?
    • ⤷ How does the Q factor affect performance in RF circuits?
    • ⤷ Can this inductor be used for power supply decoupling?