Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0603CSF-R39M

  • AI
    ### Technical Overview: CT0603CSF-R39M The **CT0603CSF-R39M** is a high-frequency, wire-wound surface mount (SMD) chip inductor. It is designed for applications requiring high stability and high quality factor (Q) in a compact form factor. --- ### 1. Part Number Breakdown The part number follows a specific nomenclature used by manufacturers (typically Central Technologies): | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic core chip inductor | | **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CSF** | Core Type | Ceramic Core (Surface Mount) | | **R39** | Inductance Value | **0.39 µH** (390 nH) | | **M** | Tolerance | **±20%** | --- ### 2. Key Electrical Specifications Below are the typical parameters for this component: | Parameter | Value | | :--- | :--- | | **Inductance** | 390 nH (0.39 µH) | | **Tolerance** | ±20% | | **Test Frequency** | 25 MHz | | **Quality Factor (Q) Min** | 25 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | 560 MHz (Minimum) | | **DC Resistance (DCR) Max** | 1.12 Ohms | | **Rated Current (Idc)** | 350 mA | --- ### 3. Construction & Material * **Core Material:** Ceramic (Non-magnetic). This allows for high SRF and excellent stability over temperature. * **Winding:** Wire-wound construction. This provides lower DC resistance and higher current handling compared to multilayer chips. * **Termination:** Typically gold or tin-plated over nickel for excellent solderability. ### 4. Typical Applications The CT0603CSF-R39M is widely used in RF and wireless communication circuits: 1. **Impedance Matching:** Used in antenna circuits for smartphones and Wi-Fi modules. 2. **Filtering:** Low-pass, high-pass, and band-pass filters in RF front-ends. 3. **Oscillators:** Stability in VCO (Voltage Controlled Oscillator) circuits. 4. **Signal Conditioning:** High-frequency decoupling to prevent noise interference. --- ### 5. Land Pattern Example (0603 Metric 1608) ```markdown Dimensions in mm: - Length: 1.6mm ± 0.1 - Width: 0.8mm ± 0.1 - Height: 0.8mm ± 0.1 ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Quality Factor' affect RF circuit performance?
    • ⤷ Can I substitute a ±20% tolerance inductor with a ±5% tolerance part?