Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0805HT-R18J

  • AI
    The **CT0805HT-R18J** is a surface-mount electronic component, specifically a **Wire-Wound Chip Inductor**. It is widely used in high-frequency applications due to its high "Q" factor and precise tolerance. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Type | Ceramic Core Wire-Wound Inductor | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **HT** | Series Variant | High-Temperature/High-Performance series | | **R18** | Inductance Value | **180 nH** (R denotes decimal point in microhenries) | | **J** | Tolerance | **±5%** | --- ### 2. Key Technical Specifications These parameters define how the inductor performs within a circuit: * **Inductance:** 180 nH (nanohenries). * **Tolerance:** ±5% (Standard precision for RF circuits). * **Quality Factor (Q):** Typically high (Min ~45 at 350MHz), ensuring low energy loss. * **Self-Resonant Frequency (SRF):** Typically >1000 MHz (Ensures the part behaves as an inductor at high frequencies). * **DC Resistance (DCR):** Low resistance (usually < 1.0 Ohm) to minimize heat and voltage drop. * **Rated Current:** The maximum DC current it can carry (often in the range of 300mA - 600mA depending on the specific manufacturer's thermal rating). --- ### 3. Construction and Materials The "HT" series usually features a **Ceramic Core**. Unlike ferrite cores, ceramic cores: * Do not saturate under high current. * Provide excellent thermal stability. * Maintain a very high Self-Resonant Frequency (SRF), making them ideal for RF (Radio Frequency) applications. --- ### 4. Typical Applications The CT0805HT-R18J is commonly found in the following circuits: 1. **RF Matching Networks:** Used to match impedance between antennas and power amplifiers. 2. **Filters:** Low-pass, high-pass, or band-pass filters in wireless communication devices. 3. **Oscillators:** Providing stable inductance for frequency generation. 4. **Decoupling:** Filtering high-frequency noise in sensitive RF power lines. --- ### 5. Summary Table | Parameter | Value | | :--- | :--- | | **Package** | 0805 (SMD) | | **Core Material** | Ceramic | | **Inductance** | 180 nH | | **Tolerance** | ±5% | | **Mounting Type** | Surface Mount (SMT) |
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect signal integrity in RF circuits?
    • ⤷ What are the equivalent alternative part numbers for the CT0805HT series?