Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0805HT-R18K

  • AI
    The **CT0805HT-R18K** is a high-temperature, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in high-frequency circuits where stability and heat resistance are critical. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CT** | Series Type | Ceramic Core Wire-wound Inductor | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **HT** | Feature | High Temperature / High Q Factor | | **R18** | Inductance Value | 0.18 µH (180 nH) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific part: * **Inductance:** 180 nH (nanohenries). * **Tolerance:** ±10%. * **Quality Factor (Q min):** Usually high (approx. 45-60 at 100MHz), indicating low energy loss. * **Self-Resonant Frequency (SRF):** Typically high (around 900 MHz to 1.2 GHz), making it suitable for RF applications. * **DC Resistance (DCR):** Low resistance to minimize heat generation and voltage drop. * **Operating Temperature:** Generally rated up to **+125°C or +150°C**, depending on the specific manufacturer's "HT" rating. --- ### 3. Construction and Materials The **CT0805HT** series uses a specific architecture to achieve its performance: 1. **Ceramic Core:** Unlike ferrite cores, ceramic does not saturate, allowing for stable inductance across a wide range of currents and frequencies. 2. **Wire-Wound Design:** Copper wire is wound around the ceramic body. This provides much higher **Q factors** and higher current handling compared to multilayer chip inductors. 3. **Encapsulation:** Often coated with a clear epoxy or specialized resin to protect the windings from environmental factors while maintaining high-temperature integrity. --- ### 4. Common Applications * **RF Communication:** Used in impedance matching circuits for antennas. * **Filtering:** High-frequency noise suppression in power lines. * **Automotive Electronics:** Suitable for under-the-hood applications due to the "HT" (High Temp) rating. * **Wireless Modules:** Found in Wi-Fi, Bluetooth, and GPS front-end modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?