Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0805HT-R56J

  • AI
    The **CT0805HT-R56J** is a high-frequency, surface-mount (SMD) wire-wound ceramic core inductor. It is commonly used in RF (Radio Frequency) circuits where high precision and high Q-factors are required. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like Central Technologies). Here is the breakdown of the specifications: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 560 nH (0.56 µH) | The nominal inductance value. | | **Tolerance** | ±5% | Indicated by the "J" suffix. | | **Case Size** | 0805 | 2.0mm x 1.25mm (0.08" x 0.05"). | | **Core Material** | Ceramic | Non-magnetic core for high frequency stability. | | **SRF (Min)** | 600 MHz | Self-Resonant Frequency. | | **DC Resistance (Max)** | 1.33 Ω | Resistance of the wire at 0Hz. | | **Rated Current** | 300 mA | Maximum continuous current (approximate). | --- ### 2. Key Features * **Wire-Wound Construction:** Provides significantly higher Q (Quality Factor) and current handling compared to multilayer chip inductors. * **High Q-Factor:** Essential for narrow-band filtering and minimizing signal loss in RF paths. * **Ceramic Core:** Unlike ferrite cores, ceramic cores do not saturate and offer excellent thermal stability and high SRF. * **Small Footprint:** The 0805 package is standard for compact PCB designs while remaining large enough for reliable automated assembly. --- ### 3. Common Applications Due to its high frequency characteristics, the CT0805HT-R56J is typically found in: 1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth, Wi-Fi, or cellular modules. 2. **LC Filters:** Used in high-pass, low-pass, or band-pass filters for signal processing. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductive components. 4. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs. --- ### 4. Part Number Decoding `CT` `0805` `HT` `-` `R56` `J` * **CT:** Manufacturer Prefix (Central Technologies). * **0805:** Package dimensions (inches). * **HT:** Series identifier (High Temperature/High Frequency). * **R56:** Inductance code ($R = \text{Decimal Point}$; $0.56\mu H = 560nH$). * **J:** Tolerance code ($J = \pm5\%$). ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives for the CT0805HT series?
    • ⤷ How does a ceramic core inductor differ from a ferrite core in RF performance?
    • ⤷ What is the maximum operating temperature for this specific component?