Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0805HT-R68J

  • AI
    The **CT0805HT-R68J** is a high-temperature, surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications where stability and reliability under heat are critical. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specific characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Typically identifies the manufacturer's series (e.g., Central Technologies). | | **0805** | Case Size | Dimensions in inches (approx. 2.0mm x 1.25mm). | | **HT** | High Temp | Indicates a "High Temperature" rating (often up to 150°C). | | **R68** | Inductance | The "R" acts as a decimal point. 0.68 microhenries (µH) or 680nH. | | **J** | Tolerance | Indicates a ±5% tolerance. | --- ### 2. Technical Specifications The typical electrical parameters for this class of wire-wound inductor are as follows: * **Inductance:** 0.68 µH (680 nH) * **Tolerance:** ±5% * **Quality Factor (Q):** Typically high (approx. 45–60 at specific frequencies), making it efficient for RF tuning. * **Self-Resonant Frequency (SRF):** Usually high (often above 300 MHz), allowing use in high-frequency circuits. * **DC Resistance (DCR):** Relatively low to minimize power loss and heat generation. * **Rated Current:** The maximum DC current it can handle before overheating or saturating. --- ### 3. Key Features and Construction * **Wire-Wound Core:** Unlike multilayer inductors, this uses a copper wire wound around a ceramic core. This construction provides much higher **Q factors** and better current-handling capabilities. * **High Temperature Rating:** The "HT" designation means the component is built with materials (solder, wire insulation, and epoxy) that can withstand ambient temperatures up to **150°C**, compared to the standard 125°C. * **Ceramic Body:** Provides excellent thermal stability and very low electrical interference. --- ### 4. Common Applications Due to its high-temperature tolerance and precision, the CT0805HT-R68J is commonly found in: 1. **Automotive Electronics:** Engine control units (ECUs) and sensors located near the engine block. 2. **Telecommunications:** Base stations and high-frequency RF filters. 3. **Industrial Controls:** Power supplies and circuitry operating in harsh, hot environments. 4. **Mobile Devices:** Impedance matching in RF transceiver modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ What are the soldering precautions for 0805 HT components?