Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT0805HT-R75K

  • AI
    The **CT0805HT-R75K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits due to their high precision and stability at high frequencies. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Generally indicates a Ceramic Core Chip Inductor. | | **0805** | Case Size | Dimensions are 0.08 x 0.05 inches (approx. 2.0 x 1.25 mm). | | **HT** | Type/Feature | High Temperature or High Frequency performance series. | | **R75** | Inductance Value | **0.75 µH** (750 nH). The "R" acts as a decimal point. | | **K** | Tolerance | **±10%** deviation from the nominal value. | --- ### 2. Key Technical Specifications While exact specifications can vary slightly by manufacturer (such as Central Technologies), the standard parameters for an 0805 R75K inductor are: * **Inductance:** 0.75 µH (750 nH). * **Tolerance:** ±10%. * **Core Material:** Ceramic (allows for high Q factors and high self-resonant frequencies). * **Quality Factor (Q):** Typically high (e.g., 40–60 range), ensuring low energy loss in RF circuits. * **Self-Resonant Frequency (SRF):** Usually in the range of 300 MHz to 600 MHz. * **DC Resistance (DCR):** Relatively low, usually around 0.5 to 1.5 Ohms. * **Rated Current:** Typically between 150mA and 400mA depending on the specific thermal rating. --- ### 3. Construction and Features * **Wire-Wound Design:** Unlike multilayer inductors, the wire-wound construction provides much higher Q factors and higher current-handling capabilities. * **Ceramic Body:** Provides excellent thermal stability and very low parasitic capacitance. * **SMD Packaging:** Designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs). ### 4. Typical Applications This specific part is commonly found in communication and high-speed electronics: 1. **RF Impedance Matching:** Used in antenna circuits to match the impedance of the transmitter/receiver. 2. **Filter Circuits:** Low-pass, high-pass, or band-pass filters for signal processing. 3. **Bluetooth/WLAN Modules:** Found in consumer electronics for wireless signal stability. 4. **Oscillators:** Part of the LC tank circuit that determines the frequency of oscillation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in the 0805 size?
    • ⤷ How does the 'Q factor' impact the performance of this inductor in a circuit?
    • ⤷ Can this inductor be used in high-power DC-DC converters?