Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT1206CSF-R12K

  • AI
    ## CT1206CSF-R12K: Technical Analysis The **CT1206CSF-R12K** is a high-frequency **Surface Mount (SMD) Wire-Wound Chip Inductor**. It is part of a series designed specifically for applications requiring high performance in radio frequency (RF) circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Central Technologies Chip Inductor series. | | **1206** | Package Size | Imperial dimensions: 0.12 x 0.06 inches (3.2 x 1.6 mm). | | **CSF** | Construction | Ceramic core, standard profile, wire-wound. | | **R12** | Inductance Value | **120 nH** (R denotes decimal; 0.12 µH = 120 nH). | | **K** | Tolerance | **±10%** variation from the nominal value. | --- ### 2. Key Technical Specifications These parameters define how the component behaves in an electrical circuit: * **Inductance:** 120 nH (Nanohenries). * **Quality Factor (Q):** Typically high (approx. 50+ at 150MHz), ensuring low energy loss in resonant circuits. * **Self-Resonant Frequency (SRF):** Usually above 1000 MHz. Operating near or above this frequency causes the inductor to behave like a capacitor. * **DC Resistance (DCR):** Low resistance to minimize heat and voltage drop. * **Rated Current:** The maximum continuous current the part can handle without excessive temperature rise. --- ### 3. Construction and Materials The "CSF" designation indicates a **Wire-Wound Ceramic Core**: 1. **Ceramic Core:** Provides excellent thermal stability and a very high SRF compared to ferrite cores. 2. **Copper Wire:** Windings are precisely wrapped around the core to achieve specific inductance values. 3. **Epoxy Encapsulation:** Usually features a top coating to protect the wire and provide a flat surface for pick-and-place machines. --- ### 4. Typical Applications Because of its high SRF and Q factor, this part is commonly used in: * **RF Transceivers:** Filtering and matching networks. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular infrastructure. * **Broadband Transformers:** Used in high-speed signal processing. * **Oscillators:** Serving as a frequency-determining element. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor impact the performance of an RF circuit?
    • ⤷ What is the soldering footprint recommendation for a 1206 package?