Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT1206CSF-R18G

  • AI
    The **CT1206CSF-R18G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. ### 1. Technical Specifications The following table breaks down the electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 180 nH (indicated by "R18") | | **Tolerance** | ±2% (indicated by "G") | | **Case Size** | 1206 (3.2mm x 1.6mm) | | **Material** | Ceramic Core (Wire-wound) | | **Max DC Current (Idc)** | ~600 mA | | **Max DC Resistance (Rdc)** | ~0.56 Ω | | **Quality Factor (Q min)** | 50 @ 100MHz | | **Self-Resonant Frequency (SRF)** | ~1200 MHz | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **CT**: Series prefix (Central Technologies or similar manufacturer). * **1206**: The physical dimensions of the package (0.12 x 0.06 inches). * **CSF**: Ceramic substrate, Standard Frequency/Wire-wound series. * **R18**: The Inductance value. "R" acts as the decimal point ($0.18 \mu H$ or $180 nH$). * **G**: The tolerance code. $G = \pm2\%$; $J = \pm5\%$; $K = \pm10\%$. --- ### 3. Key Features & Applications #### Features * **High Q Factor:** Because it is wire-wound on a ceramic core, it maintains high efficiency and low signal loss at high frequencies. * **Precision:** The "G" rating (2%) is considered a high-precision inductor, suitable for tight-tolerance tuning circuits. * **Stability:** The ceramic core provides excellent thermal stability compared to ferrite cores. #### Common Applications 1. **RF Matching Networks:** Used to match the impedance between an antenna and a transceiver. 2. **Bandpass Filters:** Utilized in circuits that allow specific frequencies to pass while blocking others. 3. **VCOs:** Voltage Controlled Oscillators in wireless communication devices. 4. **Signal Conditioning:** Decoupling and EMI suppression in high-speed data lines. --- ### 4. Mounting & Handling As a **1206 SMD** component, it is designed for automated Pick-and-Place assembly. * **Soldering:** Compatible with lead-free reflow soldering processes. * **Orientation:** Unlike polarized capacitors, inductors can generally be mounted in either direction, though the winding start point can occasionally impact sensitive RF coupling.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' impact the performance of this inductor in a filter circuit?
    • ⤷ Can a 1206 size inductor be replaced with a 0805 size if the inductance value is the same?