Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT1206CSF-R22M

  • AI
    ## Analysis of Electronic Component: CT1206CSF-R22M The **CT1206CSF-R22M** is a high-frequency **Wire-Wound Chip Inductor** (specifically a Surface Mount Device, or SMD). It is designed primarily for RF (Radio Frequency) applications where high precision and high Q factors are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Central Technologies Ceramic Core Series | | **1206** | Case Size | 1.2 x 0.6 inches (approx. 3.2 x 1.6 mm) | | **CSF** | Construction | Ceramic Core, Wire-Wound | | **R22** | Inductance Value | R denotes decimal; 0.22 µH (or 220 nH) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.22 µH (220 nH) | | **Tolerance** | ±20% | | **Quality Factor (Q) Min** | 50 (at 250 MHz) | | **Self-Resonant Frequency (SRF)** | ~1200 MHz | | **DC Resistance (DCR) Max** | 0.42 $\Omega$ | | **Rated Current (Max)** | 600 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Construction Features * **Ceramic Core:** Unlike ferrite cores, the ceramic body provides excellent thermal stability and a high Self-Resonant Frequency (SRF), making it ideal for high-frequency filters. * **Wire-Wound Technology:** The copper wire is wound around the ceramic body. This construction allows for much higher Q factors and lower DC resistance compared to multilayer inductors of the same size. * **Encapsulation:** Usually features a clear epoxy coating or a "cap" on top to facilitate pick-and-place assembly by automated machinery. --- ### 4. Common Applications Due to its high frequency response, the CT1206CSF-R22M is frequently found in: 1. **RF Circuits:** Matching networks in cellular base stations and GPS receivers. 2. **Filtering:** Low-pass, high-pass, and band-pass filters for signal integrity. 3. **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) to stabilize frequency. 4. **Decoupling:** High-frequency noise suppression in sensitive communication lines. --- ### 5. Equivalent Footprint The **1206** package is a standard EIA size. If you are designing a PCB (Printed Circuit Board), the land pattern should follow these approximate dimensions: * **Length:** 3.2 mm * **Width:** 1.6 mm * **Height:** ~1.8 mm (varies slightly by manufacturer)
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in RF applications?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ Are there lower tolerance versions (e.g.
    • ⤷ 5% or 10%) available for this part?