Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT1206CSF-R27G

  • AI
    The **CT1206CSF-R27G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This component is commonly used in RF (Radio Frequency) and communication circuits where precision and high performance are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's exact specifications: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | CT1206 | 1206 Case Size (approx. 3.2 x 1.6 mm) | | **Material/Type** | CSF | Ceramic Core, Wire-Wound | | **Inductance** | R27 | 0.27 µH (or 270 nH) | | **Tolerance** | G | ± 2% Tolerance | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific part: * **Inductance:** 270 nH (nanohenries) * **Tolerance:** ± 2% (The "G" suffix denotes a tight tolerance, ideal for tuning circuits) * **Core Material:** Ceramic (Provides excellent thermal stability and high Q factors) * **Quality Factor (Q):** Typically high (approx. 45-60 at 100MHz), ensuring low signal loss. * **Self-Resonant Frequency (SRF):** Generally above 600 MHz. * **DC Resistance (DCR):** Max ~0.90 - 1.20 Ω (varies by manufacturer). * **Rated Current:** Typically around 350mA - 450mA. --- ### 3. Key Features & Applications #### Features: * **Wire-Wound Construction:** Offers significantly higher Q factors and current handling compared to multilayer inductors. * **Compact 1206 Footprint:** Suitable for high-density PCB layouts. * **Ceramic Body:** High physical strength and excellent electrical properties at high frequencies. #### Typical Applications: 1. **RF Filtering:** Used in low-pass, high-pass, and band-pass filters. 2. **Impedance Matching:** Essential for antenna matching circuits in wireless devices. 3. **Oscillators:** Used in LC tank circuits for frequency generation. 4. **Telecommunications:** Common in Bluetooth, Wi-Fi, and cellular base station modules. --- ### 4. PCB Design Considerations When using the CT1206CSF-R27G in a high-frequency design, keep the following in mind: ```markdown 1. Keep traces short to minimize parasitic inductance. 2. Maintain a solid ground plane beneath the component. 3. Observe the orientation of the wire-winding if cross-talk with adjacent inductors is a concern. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect RF circuit performance?
    • ⤷ Can this inductor be used for power supply decoupling?