Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT1206CSF-R27J

  • AI
    The **CT1206CSF-R27J** is a high-frequency, surface-mount ceramic chip inductor. It is specifically designed for RF (Radio Frequency) applications where high signal integrity and stability are required. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic Core Chip Inductor | | **1206** | Case Size | 1206 Imperial (3.2mm x 1.6mm) | | **CSF** | Construction | Wire-wound Ceramic Core | | **-R27** | Inductance Value | 0.27 µH (or 270 nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications The electrical performance of this inductor is optimized for high-speed circuitry. * **Inductance:** 270 nH (Nanohenries). * **Tolerance:** ±5% (Standard precision for RF filtering). * **Quality Factor (Q):** High Q-factor (usually > 35-40 at specific frequencies), ensuring low energy loss. * **Self-Resonant Frequency (SRF):** Typically high (e.g., > 600 MHz), meaning it maintains inductive properties into high frequencies. * **DC Resistance (DCR):** Low resistance to prevent excessive heat and power loss. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Key Features and Applications The **wire-wound ceramic construction** is the defining feature of this part. Unlike multilayer inductors, wire-wound versions offer much higher Q-factors and current-carrying capabilities. #### Common Applications: * **RF Transceivers:** Used in matching circuits for antennas. * **Filter Networks:** Low-pass, high-pass, and band-pass filters for signal processing. * **Wireless Communication:** Essential in Bluetooth, Wi-Fi, and cellular modules. * **Decoupling:** Used to block high-frequency noise in power lines. --- ### 4. Physical Dimensions (1206 Metric 3216) | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | Length (L) | 3.20 ± 0.2 | 0.126 | | Width (W) | 1.60 ± 0.2 | 0.063 | | Thickness (T)| 1.10 ± 0.2 | 0.043 | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CT1206CSF-R27J?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ Can you provide a footprint recommendation for 1206 chip inductors?