Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT1206CSF-R33G

  • AI
    The **CT1206CSF-R33G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) and telecommunications circuits where precision and high performance are required. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specific characteristics: | Code Segment | Meaning | Value / Specification | | :--- | :--- | :--- | | **CT** | Manufacturer Prefix | Often Central Technologies (or similar) | | **1206** | Package Size | 3.2mm x 1.6mm (Metric 3216) | | **CSF** | Series | Ceramic Core, Standard Frequency | | **R33** | Inductance Value | **0.33 µH** (330 nH) | | **G** | Tolerance | **±2%** (Precision Grade) | --- ### 2. Key Technical Specifications Below are the typical electrical parameters for this specific part: * **Inductance:** 330 nH (0.33 µH). * **Tolerance:** ±2% (indicated by the 'G'). This is a tight tolerance suitable for tuning circuits. * **Core Material:** Ceramic. Ceramic cores offer excellent thermal stability and high SRF (Self-Resonant Frequency). * **Quality Factor (Q min):** Usually high (approx. 45 at 150 MHz), ensuring low energy loss. * **Self-Resonant Frequency (SRF):** Typically around 570 MHz to 600 MHz. * **DC Resistance (DCR):** Max ~0.50 to 0.70 Ohms. * **Rated Current:** Generally handles between 400mA to 600mA. --- ### 3. Application Areas Because of its ceramic construction and tight tolerance, the CT1206CSF-R33G is found in: 1. **RF Transceivers:** Used in matching networks and filters for wireless communication. 2. **Impedance Matching:** Crucial for ensuring maximum power transfer between antennas and RF chips. 3. **Frequency Tuning:** The 2% tolerance makes it ideal for LC oscillators where frequency drift must be minimized. 4. **Signal Decoupling:** Removing high-frequency noise from power lines in sensitive circuits. --- ### 4. Comparison: Ceramic vs. Ferrite Cores | Feature | Ceramic Core (This Part) | Ferrite Core | | :--- | :--- | :--- | | **Frequency Range** | Very High (RF) | Low to Medium | | **Inductance Value** | Lower | Higher | | **Stability** | Excellent | Varies with temp/current | | **Saturation** | Does not saturate | Can saturate | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the G tolerance and the J tolerance for this inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this part?
    • ⤷ Can this inductor be used in high-power switching power supplies?