Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CT3400-R3

  • AI
    The **CT3400-R3** typically refers to a high-performance **Current Transformer (CT)** or a specific digital controller/metering module used in industrial power monitoring and protection systems. Below is a breakdown of its primary electronic components and their functions. --- ### 1. Core Electronic Components | Component Type | Function | Description | | :--- | :--- | :--- | | **Magnetic Core** | Flux Induction | High-permeability silicon steel or nanocrystalline core that concentrates the magnetic field from the primary conductor. | | **Secondary Windings** | Current Conversion | Precision copper coils that step down high primary currents to a measurable low-level signal (usually 1A or 5A). | | **Burden Resistor** | Voltage Translation | An internal or external precision resistor that converts the secondary current into a proportional voltage signal for ADCs. | | **TVS Diodes** | Surge Protection | Transient Voltage Suppression diodes protect the internal circuitry from high-voltage spikes and open-circuit conditions. | | **Signal Conditioner** | Filtering/Amplification | Op-amps and RC filters that remove high-frequency noise and normalize the signal for digital processing. | --- ### 2. Functional Architecture The electronics of the CT3400-R3 are designed to manage the transition from high-power physics to low-power digital data: #### A. Sensing Stage The primary conductor passes through the center of the ring. The electronic "heart" here is the **mutual induction** between the primary wire and the secondary winding. The R3 designation often indicates a specific accuracy class (e.g., 0.3% or 0.5%) achieved through tight winding tolerances. #### B. Protection Circuitry Because an open-circuited current transformer can generate lethal voltages, the CT3400-R3 includes **overvoltage protection**. This is usually a combination of: * **Zener Diodes:** To clamp the voltage. * **Varistors:** To absorb energy during transient faults. #### C. Connectivity Interface The "R3" series typically utilizes standardized output terminals: * **Terminal Blocks:** Screw-type connectors for secure electrical contact. * **Insulation Layer:** High-dielectric epoxy resin or plastic housing that prevents arcing between the high-voltage primary and the low-voltage electronics. --- ### 3. Key Specifications * **Accuracy Class:** Usually 0.3 or higher for revenue-grade metering. * **Frequency Range:** Optimized for 50/60Hz, with electronic filtering for harmonics. * **Isolation Voltage:** Typically rated for 3kV to 4kV to ensure safety between the sensor and the monitoring device. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum primary current rating for the CT3400-R3?
    • ⤷ Does this model support digital communication protocols like Modbus?
    • ⤷ How do I calculate the burden for this specific current transformer?