Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC0F-R68J

  • AI
    The **CTC0F-R68J** is a specific electronic component, primarily classified as a **fixed surface-mount inductor** (specifically a chip inductor). These components are essential for managing signal integrity and energy storage in high-frequency circuits. --- ### 1. Technical Specifications Below is a breakdown of the electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Unshielded) | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Package/Case** | 1008 (Metric 2520) | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ceramic or Ferrite (depending on specific sub-series) | | **Operating Temperature** | -40°C to +125°C (Standard range) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the part's capabilities: * **CTC**: Manufacturer Series (typically associated with Central Technologies). * **0F**: Refers to the specific size/form factor (in this case, the 1008 package size). * **R68**: The Inductance value. The "R" acts as a decimal point. **R68 = 0.68 µH**. * **J**: The tolerance code. **J = ±5%**. --- ### 3. Key Functions and Applications This component is used in low-power, high-density electronic assemblies. #### Core Functions: * **Filtering:** Used in RF (Radio Frequency) circuits to block unwanted high-frequency noise while allowing DC to pass. * **Impedance Matching:** Often found in antenna circuits to ensure maximum power transfer between the source and the load. * **Energy Storage:** Acts as a small reservoir for energy in DC-DC conversion circuits, though this specific size is more common for signal processing than power conversion. #### Common Applications: 1. **Mobile Communications:** Smartphones and tablets for signal filtering. 2. **Wireless Modules:** Wi-Fi and Bluetooth transceivers. 3. **Broadband Equipment:** Modems and routers. 4. **Automotive Electronics:** Infotainment systems and sensor clusters. --- ### 4. Sample Integration (Footprint Definition) If you were defining this in an EDA tool like KiCad or Altium, the footprint configuration would look similar to this: ```markdown Library: Inductor_SMD Footprint: L_1008_2520Metric Dimensions: 2.5mm x 2.0mm Land Pattern: - Pad 1: [0.9mm x 2.0mm] at (-1.2mm, 0) - Pad 2: [0.9mm x 2.0mm] at (1.2mm, 0) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the CTC0F-R68J?
    • ⤷ How does a ceramic core inductor differ from a ferrite core in RF applications?
    • ⤷ What are the common alternatives or equivalents for this part number?