Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC1F-R22J

  • AI
    ### Technical Overview of CTC1F-R22J The **CTC1F-R22J** is a surface-mount (SMD) chip inductor, specifically a **molded chip inductor**. It is designed for use in electronic circuits requiring high reliability, compact size, and high-frequency stability. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | The nominal inductance value | | **Tolerance** | ±5% (J) | The allowable variance from nominal value | | **Current Rating** | ~450 mA | Maximum DC current (varies by manufacturer) | | **DC Resistance (DCR)** | ~0.35 Ω | Internal resistance of the coil | | **SRF (Self Resonant Freq)** | ~450 MHz | The frequency at which it stops acting as an inductor | | **Case Size** | 1210 (Metric 3225) | Dimensions: 3.2mm x 2.5mm | --- ### 2. Part Number Breakdown The nomenclature usually follows a standard logic for electronic components: * **CTC:** Series prefix (Molded Chip Inductor). * **1F:** Physical size/form factor (standard industry footprint). * **R22:** Inductance value indicator (R represents the decimal point: 0.22 µH). * **J:** Tolerance code (J = ±5%). --- ### 3. Construction and Materials The CTC1F-R22J is constructed using a **Molded Epoxy** design. Unlike open-wire inductors, the internal wire coil is encapsulated in a hard resin. * **Core Material:** Usually ferrite or ceramic depending on the specific frequency target. * **Shielding:** Most CTC series are non-shielded, though the molding provides some mechanical protection and environmental resistance. * **Termination:** Lead-free (RoHS compliant) solder pads for surface mounting. --- ### 4. Applications Due to its low inductance (0.22 µH) and high self-resonant frequency, this part is commonly used in: 1. **RF Circuits:** Signal filtering and impedance matching. 2. **Decoupling:** Filtering high-frequency noise in power supply lines. 3. **Communication Devices:** Used in mobile phones, Wi-Fi modules, and GPS receivers. 4. **Consumer Electronics:** Hard drives, cameras, and laptops. --- ### 5. Equivalent Replacement Guide If you are looking for an equivalent, ensure the following parameters match the original: ```markdown 1. Footprint: 1210 (3225 Metric) 2. Inductance: 0.22 µH 3. Tolerance: 5% or tighter (e.g., G = 2%) 4. Isat (Saturation Current): Must be equal or higher ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a molded inductor and an open-wire inductor?
    • ⤷ How does the 'J' tolerance affect circuit performance in RF applications?
    • ⤷ Can I replace a 0.22uH inductor with a higher value if the footprint matches?