Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC1F-R27K

  • AI
    ## Overview of CTC1F-R27K The **CTC1F-R27K** is a specific model of an **Axial Leaded Inductor** (often referred to as a "choke"). These components are designed to store energy in a magnetic field when electric current flows through them, primarily used for filtering, decoupling, and frequency tuning in electronic circuits. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the CTC1F-R27K: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.27 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the 'K' suffix) | | **Component Type** | Fixed Inductor / Conformal Coated | | **Form Factor** | Axial Leaded (Through-hole) | | **Core Material** | Phenolic or Ferrite (depending on specific series batch) | | **Testing Frequency** | 25.2 MHz (Typical for this range) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: * **CTC1F**: The series identifier. "CTC" usually refers to the manufacturer's specific series of conformal coated axial inductors. * **R27**: The inductance value. The "R" acts as a decimal point. Therefore, $R27 = 0.27$. * **K**: The tolerance rating. In the electronics industry, **K** represents **±10%**. --- ### 3. Key Electronic Functions The CTC1F-R27K performs several critical roles within a PCB (Printed Circuit Board) assembly: 1. **Noise Suppression:** It acts as a low-pass filter, blocking high-frequency alternating current (AC) noise while allowing direct current (DC) to pass through. 2. **Signal Conditioning:** Used in RF (Radio Frequency) circuits to tune specific frequencies or match impedance between stages. 3. **Energy Storage:** Briefly stores energy to smooth out voltage spikes in power supply applications. --- ### 4. Applications Common devices where this part is utilized include: * **Consumer Electronics:** Televisions, radio receivers, and audio equipment. * **Telecommunications:** Signal processing units and modems. * **Power Supplies:** Used in the filtering stage of DC-DC converters. * **Automotive:** Found in electronic control units (ECUs) for noise decoupling. --- ### 5. Physical Construction * **Coating:** Typically coated with an epoxy resin (conformal coating) to provide moisture resistance and electrical insulation. * **Mounting:** Through-hole mounting. The leads are meant to be inserted into holes on a PCB and soldered on the opposite side. * **Size:** Generally small (roughly the size of a 1/4 watt resistor), making it ideal for high-density boards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the CTC1F-R27K?
    • ⤷ How does a 10% tolerance (K) affect circuit performance compared to a 5% tolerance (J)?
    • ⤷ What are the common alternatives or equivalents for this specific inductor?