Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC1F-R39K

  • AI
    The **CTC1F-R39K** is a specific electronic component belonging to the family of **fixed inductors** (coils). It is an axial-leaded, conformal-coated inductor designed for general-purpose electronic filtering and energy storage. --- ### 1. Technical Specifications The part number can be decoded to understand its specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.39 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the 'K' suffix) | | **Type** | Fixed Inductor (Axial Leaded) | | **Core Material** | Phenolic or Ferrite (depending on specific manufacturer revision) | | **Coating** | Epoxy Conformal Coating | --- ### 2. Physical Characteristics * **Mounting Type:** Through-hole. * **Form Factor:** Axial (looks like a resistor with a colored body). * **Color Coding:** It typically uses a color-band system similar to resistors to denote value and tolerance. * **Dimensions:** Usually small (approx. 6mm to 10mm in length), making it suitable for high-density PCB layouts. --- ### 3. Key Applications Inductors like the CTC1F-R39K are primarily used to manage signal integrity and power stability: 1. **RF Coupling/Decoupling:** Used in radio frequency circuits to block high-frequency noise while allowing DC to pass. 2. **Filter Networks:** Combined with capacitors to create Low-Pass, High-Pass, or Band-Pass filters. 3. **EMI Suppression:** Helps reduce Electromagnetic Interference in consumer electronics. 4. **Oscillator Circuits:** Provides the necessary inductance for LC (Inductor-Capacitor) tank circuits. --- ### 4. Comparison Table: R39K vs. Others | Part Number | Inductance | Tolerance | | :--- | :--- | :--- | | CTC1F-R33K | 0.33 µH | ±10% | | **CTC1F-R39K** | **0.39 µH** | **±10%** | | CTC1F-R39M | 0.39 µH | ±20% | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Imax) for this specific inductor model?
    • ⤷ How do I read the color bands on a 0.39uH axial inductor?
    • ⤷ Can this inductor be used in high-temperature automotive environments?