Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC2F-R022M

  • AI
    The **CTC2F-R022M** is a high-performance **radial leaded power inductor** (choke) typically manufactured by companies like Central Technologies. It is designed for applications requiring high current handling and effective noise filtering. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below are the primary electrical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.022 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Core Material** | Ferrite | | **Mounting Type** | Through-Hole (Radial Leads) | | **Package/Case** | Molded or Coated Axial/Radial Form | --- ### 2. Key Features * **High Current Capability:** Designed to handle significant DC currents without reaching magnetic saturation quickly. * **Low DC Resistance (DCR):** Minimizes power loss and heat generation within the circuit. * **Compact Footprint:** The radial design allows for vertical mounting, saving PCB real estate compared to horizontal axial components. * **Durability:** Usually encapsulated in a flame-retardant epoxy or shrink tube to protect against environmental factors and vibration. --- ### 3. Common Applications Due to its low inductance value (0.022 µH), this part is primarily used in high-frequency environments: 1. **Switching Power Supplies (SMPS):** Used for energy storage and output smoothing in DC-DC converters. 2. **EMI/RFI Filtering:** Acting as a low-pass filter to block high-frequency noise in communication equipment. 3. **Voltage Regulator Modules (VRM):** Common in motherboard circuits to stabilize power delivery to CPUs. 4. **Signal Conditioning:** Decoupling power lines in sensitive RF circuits. --- ### 4. Circuit Symbol and Implementation In a schematic, the CTC2F-R022M is represented by a standard inductor symbol. ```text L1 (0.022µH) ----(UUUUU)---- In Out ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent substitutes for the CTC2F-R022M?
    • ⤷ How does the 'M' tolerance impact high-frequency filtering?
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?