Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC2F-R033J

  • AI
    The **CTC2F-R033J** is a high-performance **Axial Leaded Fixed Inductor** (often referred to as a "Choke"). It belongs to the CTC2F series, which is designed for applications requiring reliability and specific electrical characteristics in a through-hole package. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature where the digits represent the value and tolerance. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.033 µH (33nH) | | **Tolerance** | ±5% (indicated by 'J') | | **Current Rating (Isat/Irms)** | High Current (Typically ~1.2A to 2.5A depending on ambient temp) | | **DC Resistance (DCR)** | Very Low (approx. 0.05 - 0.10 $\Omega$ max) | | **Package Style** | Axial Leaded (Conformal Coated) | | **Core Material** | Phenolic or Ferrite (depending on specific frequency tuning) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps in identifying the component's role: * **CTC2F**: The series designation (Conformal Coated Axial Inductor). * **R033**: Represents the inductance value. The 'R' acts as a decimal point ($0.033$). * **J**: Represents the tolerance code ($J = \pm5\%$). --- ### 3. Physical Construction The inductor is built using a wire-wound method around a cylindrical core. 1. **Winding**: High-purity copper wire. 2. **Coating**: Coated with an epoxy or flame-retardant lacquer (usually green or blue) to protect against moisture and mechanical stress. 3. **Leads**: Solder-coated copper or copper-clad steel for through-hole PCB mounting. --- ### 4. Common Applications Due to its low inductance (33nH) and axial form factor, it is typically found in: * **RF Tuning**: Used in high-frequency oscillation circuits. * **EMI/RFI Filtering**: Acting as a low-pass filter to block high-frequency noise in power lines. * **Decoupling**: Preventing noise from spreading between different stages of a circuit. * **Signal Processing**: In telecommunications and consumer electronics. --- ### 5. Equivalent Replacement Guide If you are looking for an equivalent, ensure the following parameters match: ```markdown 1. Inductance: Must be 0.033µH. 2. Current (mA): Must be equal to or higher than the original. 3. Q-Factor: Critical if used in an RF oscillator circuit. 4. Physical Size: Ensure lead spacing matches the PCB footprint. ```
    ✨ Follow-up Questions
    • ⤷ What is the Self-Resonant Frequency (SRF) for this specific inductor value?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ How does the 'J' tolerance compare to 'K' or 'M' tolerances in inductors?