CTC2F-R82
AI

The **CTC2F-R82** is a specific type of **Fixed Inductor** (specifically an axial leaded inductor). It belongs to a series commonly used in filtering, decoupling, and frequency discrimination applications.
### 1. Technical Specifications
The part number follows a standardized naming convention. Here are the core electronic characteristics for the **R82** variant:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±10% (standard for this series) |
| **Component Type** | Axial Leaded Fixed Inductor |
| **Core Material** | Phenolic or Ferrite (depending on specific sub-series) |
| **DC Resistance (Max)** | Approx. 0.20 - 0.40 Ohms |
| **Rated Current (Max)** | Approx. 600 - 800 mA |
| **Self-Resonant Frequency** | High (typically > 100 MHz) |
---
### 2. Physical Construction
The "CTC2F" designation typically refers to the physical form factor and coating:
* **Form Factor:** Axial leads (meant for through-hole mounting on a PCB).
* **Coating:** Usually encapsulated in a conformal epoxy coating or molded phenolic, which provides moisture resistance and mechanical protection.
* **Size:** Generally a small "matchstick" or "resistor-style" package.
---
### 3. Key Electronic Functions
In a circuit, the CTC2F-R82 performs the following roles:
1. **Noise Filtering:** It blocks high-frequency AC noise while allowing DC and low-frequency signals to pass through.
2. **Energy Storage:** Like all inductors, it stores energy in a magnetic field when current flows through it.
3. **Signal Conditioning:** Often used in RF (Radio Frequency) circuits for tuning or impedance matching.
4. **Decoupling:** Prevents high-frequency interference from spreading through power supply lines.
---
### 4. Typical Applications
* **Telecommunications:** Signal processing equipment.
* **Consumer Electronics:** Televisions, radios, and power supplies.
* **Industrial:** Embedded systems where small-scale filtering is required on the PCB.
* **Automotive:** Low-current filtering for sensors or dashboard electronics.
- ⤷What is the difference between an axial and a radial inductor?
- ⤷ How do I read the color codes on an R82 inductor?
- ⤷ Can this inductor be used in high-wattage power supplies?