Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC3F-R18M

  • AI
    The **CTC3F-R18M** is a specific model of a **fixed inductor**, typically manufactured by companies like Central Technologies. It belongs to the **CTC3F series**, which are axial-leaded, conformal coated inductors designed for general-purpose electronic applications. --- ### ## Technical Specifications The alphanumeric code "R18M" defines the specific electrical characteristics of the component. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.18 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Package Type** | Axial Leaded (Conformal Coated) | | **Core Material** | Phenolic or Ferrite (depending on series range) | | **Testing Frequency** | Typically 25.2 MHz | --- ### ## Key Features * **Small Footprint:** The axial design allows it to be mounted through-hole (THT) on printed circuit boards, similar to a resistor. * **Conformal Coating:** It is coated with an epoxy resin that provides moisture resistance and mechanical protection. * **High Q Factor:** Designed to provide low loss at high frequencies. * **Color Coding:** Often utilizes color bands to indicate value, though the part number is used for procurement. --- ### ## Typical Applications Inductors like the CTC3F-R18M are used to manage signal integrity and power in various circuits: 1. **RF Coupling/Decoupling:** Used in radio frequency circuits to block AC signals while allowing DC to pass. 2. **Filtering:** Acts as a low-pass filter to remove high-frequency noise from power supply lines. 3. **Oscillators:** Used in LC (Inductor-Capacitor) circuits to determine specific frequencies. 4. **Signal Conditioning:** Smoothing out ripples in communication equipment. --- ### ## Comparison of Suffix Meanings | Suffix | Tolerance | | :--- | :--- | | **J** | ±5% | | **K** | ±10% | | **M** | ±20% (The CTC3F-R18**M** standard) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the CTC3F-R18M?
    • ⤷ Are there surface-mount (SMD) equivalents to this axial inductor?
    • ⤷ How do I read the color bands on an axial inductor?