Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC3F-R27M

  • AI
    ### Overview of CTC3F-R27M The **CTC3F-R27M** is an axial-leaded fixed inductor commonly used in radio frequency (RF) and signal filtering applications. It is designed to provide specific inductance with a high quality factor (Q) in a compact form factor. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the CTC3F-R27M: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.27 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M' suffix) | | **Component Type** | Fixed Inductor (Axial Leaded) | | **Core Material** | Phenolic or Ferrite (depending on frequency range) | | **Operating Temperature** | -55°C to +125°C | | **Case Style** | Molded Conformal Coated (Axial) | --- ### Key Features 1. **Miniature Size:** The axial lead design allows for easy mounting on printed circuit boards (PCBs) through standard through-hole technology. 2. **Environmental Protection:** The part is usually encapsulated in a molded epoxy or conformal coating to protect the windings from moisture and mechanical stress. 3. **High Frequency Stability:** Designed to maintain stable inductance across a wide range of operating frequencies, making it ideal for oscillators and filters. --- ### Common Applications * **RF Tuning:** Used in communication equipment for frequency selection. * **Filtering:** Employed in power supply lines to suppress high-frequency noise (EMI/RFI). * **Signal Processing:** Acting as a reactive element in analog signal processing circuits. * **Decoupling:** Preventing unwanted signal coupling between different stages of an electronic circuit. --- ### Decoding the Part Number The part number can be broken down to understand its properties: * **CTC3F:** The series designation (typically referring to the physical size and construction style). * **R27:** Represents the inductance value. The "R" acts as a decimal point ($0.27$). * **M:** Represents the tolerance. In the EIA standard code, **M** stands for **±20%**.
    ✨ Follow-up Questions
    • ⤷What is the current rating for the CTC3F-R27M inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ What are the typical alternatives if this part is out of stock?