Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTC4F-R10K

  • AI
    ## Technical Overview of CTC4F-R10K The **CTC4F-R10K** is a specific model of a **Fixed Inductor** (Choke), typically designed for surface mount or axial lead applications depending on the manufacturer's series. It is a passive electronic component used to store energy in a magnetic field. --- ### 1. Part Number Breakdown The nomenclature usually follows industry standards for inductors: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CTC4F** | Series/Type | Conformal Coated or Chip Inductor (varies by brand like Central Technologies). | | **R10** | Inductance Value | Represents **0.10 µH** (Microhenries). The 'R' acts as a decimal point. | | **K** | Tolerance | Indicates a **±10%** tolerance range. | --- ### 2. Key Specifications While exact ratings can vary slightly between manufacturers, these are the typical parameters for this part: * **Inductance:** 0.10 µH * **Tolerance:** ±10% * **Operating Temperature:** Typically -55°C to +125°C. * **Core Material:** Often Phenolic or Ferrite (depending on the specific frequency requirements). * **Self-Resonant Frequency (SRF):** Usually very high for such low inductance, often exceeding 500 MHz. --- ### 3. Functional Roles in a Circuit Inductors like the CTC4F-R10K serve three primary purposes: 1. **Filtering:** It blocks high-frequency AC noise while allowing DC to pass through (acting as a low-pass filter). 2. **Energy Storage:** In power conversion circuits, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 3. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages of an amplifier or antenna to ensure maximum power transfer. --- ### 4. Comparison Table: Inductor Types | Feature | Axial Leaded (Typical CTC4F) | SMD (Surface Mount) | | :--- | :--- | :--- | | **Mounting** | Through-hole via PCB holes | Solder pads on PCB surface | | **Durability** | High vibration resistance | Space-saving / Compact | | **Application** | Prototyping / Power Supplies | Mobile devices / High-density boards | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the CTC4F-R10K?
    • ⤷ How does the 'R' notation work for values above 10 microhenries?
    • ⤷ What are the common alternatives to this specific inductor in RF circuits?