Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTHSC1008F-R30K

  • AI
    The **CTHSC1008F-R30K** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency applications. It belongs to the 1008 (2520 metric) size family, which is characterized by a balance between small footprint and high performance. --- ### Technical Specifications The part number can be broken down to understand its specific electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.30 µH (300 nH) | The nominal inductance value. | | **Tolerance** | ±10% (K) | The allowable deviation from the nominal value. | | **Case Size** | 1008 (2.5 x 2.0 mm) | The physical dimensions of the component. | | **DC Resistance (DCR)** | ~0.33 Ω (Max) | Resistance of the wire; lower is better for efficiency. | | **Rated Current** | ~700 mA | Maximum continuous current it can handle safely. | | **SRF (Min)** | 700 MHz | Self-Resonant Frequency; the limit of its inductive behavior. | --- ### Key Features and Construction 1. **Wire-Wound Structure**: Unlike multilayer inductors, this part uses a wire wound around a ceramic or ferrite core. This construction allows for a much higher **Quality Factor (Q)** and lower DC resistance. 2. **Ceramic Core**: Usually utilizes a ceramic body which provides excellent frequency response and stability across a wide temperature range. 3. **Encapsulation**: The "F" in the series often denotes a resin or epoxy coating/molding that protects the wire windings from environmental factors and mechanical stress. 4. **High Q Factor**: Specifically designed for RF circuits where signal integrity and low loss are critical. --- ### Typical Applications The CTHSC1008F-R30K is commonly found in high-frequency communication devices: * **RF Matching Networks**: Used to match impedance between antennas and transceivers. * **Filters**: Part of Low Pass (LPF) or Band Pass (BPF) filter circuits in mobile phones and Wi-Fi modules. * **Oscillators**: Used in VCO (Voltage Controlled Oscillator) circuits. * **Decoupling**: Filtering high-frequency noise from power lines in sensitive RF front-ends. --- ### Comparison with Multilayer Inductors Compared to multilayer chips of the same size, the CTHSC1008F series offers: * **Higher Current Handling**: Due to the physical thickness of the wire. * **Better Precision**: Tighter tolerances and higher Q values. * **Higher Price**: Wire-wound components are generally more complex to manufacture than multilayer types.
    ✨ Follow-up Questions
    • ⤷ What are the differences between ceramic and ferrite cores in 1008 size inductors?
    • ⤷ How does the 'K' tolerance impact the performance of an RF matching circuit?
    • ⤷ What is the maximum operating temperature for the CTHSC series?