Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTJC1008-R33J

  • AI
    ## Technical Overview of CTJC1008-R33J The **CTJC1008-R33J** is a surface-mount (SMD) wire-wound chip inductor. It belongs to the 1008 series (referring to its physical dimensions) and is commonly used in RF (Radio Frequency) and high-frequency communication circuits. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's core specifications: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | CTJC | Ceramic core wire-wound chip inductor | | **Size** | 1008 | Dimensions: 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm) | | **Inductance** | R33 | 0.33 microhenries ($\mu$H) or 330 nanohenries (nH) | | **Tolerance** | J | ±5% accuracy | --- ### 2. Key Electrical Specifications Below are the typical parameters for this specific electronic part: * **Inductance:** 330 nH ($0.33\mu$H) * **Tolerance:** ±5% (indicated by 'J') * **Core Material:** Ceramic (typically used for high-frequency applications due to low losses) * **Quality Factor (Q min):** Usually high (typically >45 at specific test frequencies) * **Self-Resonant Frequency (SRF):** High frequency (often > 600 MHz), ensuring the inductor stays inductive over a wide range. * **DC Resistance (DCR):** Low resistance to minimize power loss (typically < 1.0 $\Omega$). * **Rated Current:** The maximum DC current it can handle without overheating or saturating (usually between 300mA to 600mA depending on the exact manufacturer variant). --- ### 3. Construction and Material The "1008" package utilizes a **wire-wound** construction over a **ceramic core**. * **Wire-Wound:** Provides higher Q-factors and higher current handling compared to multilayer inductors. * **Ceramic Core:** Unlike ferrite cores, ceramic cores do not saturate. This makes them ideal for high-frequency stability, though they offer lower inductance values per volume. * **Termination:** Usually features gold or tin plating over nickel for excellent solderability. --- ### 4. Common Applications Due to its high Q and high self-resonant frequency, the CTJC1008-R33J is found in: 1. **RF Transceivers:** Used in matching circuits and filters. 2. **Wireless Communication:** WiFi modules, Bluetooth devices, and GPS receivers. 3. **Signal Conditioning:** High-speed data lines to suppress noise. 4. **Mobile Infrastructure:** Base stations and cellular hardware.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 1008 package in millimeters?
    • ⤷ How does a ceramic core compare to a ferrite core in RF applications?
    • ⤷ What is the significance of the Q factor in this inductor?