Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTLL2012-R27J

  • AI
    The **CTLL2012-R27J** is a surface-mount multi-layer ceramic chip inductor. It is commonly used in high-frequency circuits for noise filtering, signal shaping, and impedance matching. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.27 µH (270 nH) | | **Tolerance** | ±5% (indicated by the 'J') | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Material** | Ceramic Multi-layer | | **DC Resistance (DCR)** | Max 0.55 Ω (typical for this range) | | **Rated Current** | ~300 mA | | **Self-Resonant Frequency** | >250 MHz | --- ### 2. Part Number Breakdown Understanding the code helps in identifying replacements or similar components: * **CTLL**: Series prefix (typically denotes Central Technologies Low Loss/Multi-layer). * **2012**: The physical dimensions in millimeters ($2.0 \times 1.25$ mm), equivalent to an **0805** imperial package. * **R27**: The inductance value. "R" acts as a decimal point ($R27 = 0.27$ µH). * **J**: The tolerance code ($J = \pm5\%$). --- ### 3. Construction and Features * **Monolithic Structure:** Created by layering ceramic paste and conductive metal (usually Silver or Copper) to form a coil inside a solid block. * **Magnetic Shielding:** Because it is a multi-layer ceramic construction, it provides a closed magnetic circuit, resulting in low crosstalk and high density mounting. * **High Q Factor:** Designed for high-frequency stability and low energy loss. --- ### 4. Common Applications This specific inductor value (270nH) is typically found in: 1. **RF Circuits:** Matching networks for Bluetooth, Wi-Fi, and cellular modules. 2. **EMI Suppression:** Filtering high-frequency noise in digital signal lines. 3. **Mobile Devices:** Power decoupling in smartphones and tablets where space is a premium. --- ### 5. Land Pattern (Footprint) When designing a PCB for this part, use the following standard 0805 dimensions: ```text <--- 2.0mm ---> +---------------+ | | | | | | | | ^ 1.25mm | | | | v +---------------+ (Terminal Pads) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives from brands like TDK or Murata?
    • ⤷ How does the Q factor of this inductor affect RF performance?
    • ⤷ What is the maximum operating temperature for the CTLL2012 series?