Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTLL2012F-R22J

  • AI
    ## Analysis of CTLL2012F-R22J Electronic Component The **CTLL2012F-R22J** is a surface-mount (SMD) wire-wound chip inductor typically used in high-frequency circuits. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Technical Specifications The part number can be decoded to understand its specific electrical properties: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH (220 nH) | Denoted by "R22" | | **Tolerance** | ±5% | Denoted by the "J" suffix | | **Package Size** | 2012 (Metric) / 0805 (Imperial) | 2.0mm x 1.25mm footprint | | **Material** | Ferrite Core | Used for higher inductance in small sizes | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Key Features * **Wire-Wound Construction:** Unlike multilayer inductors, wire-wound inductors offer higher Q-factors (quality factor) and lower DC resistance (DCR), making them more efficient for power management and RF tuning. * **High Self-Resonant Frequency (SRF):** This allows the component to function as an inductor at much higher frequencies before it begins to behave like a capacitor. * **Compact 0805 Form Factor:** Ideal for space-constrained PCB designs in portable electronics. --- ### 3. Common Applications This specific inductor value (220nH) is commonly found in the following circuits: 1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth or Wi-Fi modules. 2. **Signal Filtering:** High-frequency noise suppression in communication lines. 3. **DC-DC Converters:** Used in low-power voltage regulation to manage ripple current. 4. **Oscillators:** Serving as a frequency-determining element. --- ### 4. Part Number Breakdown Structure If you are looking at similar parts in this series, here is how the nomenclature works: ```text CTLL 2012 F - R22 J | | | | | Series Size Material Value Tolerance ``` * **CTLL:** Central Technologies Low Profile Inductor Series. * **2012:** Dimensions (2.0mm x 1.2mm). * **F:** Ferrite Core material. * **R22:** 0.22 microhenries. * **J:** 5% Tolerance (K would be 10%, M would be 20%). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the CTLL2012F series?
    • ⤷ How does a ferrite core inductor differ from a ceramic core inductor in RF applications?
    • ⤷ What are the recommended soldering profiles for 0805 wire-wound inductors?