Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTLM16PS05-R3

  • AI
    The **CTLM16PS05-R3** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Common Mode Choke/Filter**, often utilized in high-density power management circuits. Below is a detailed breakdown of its technical aspects and characteristics. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor / Filter | | **Inductance** | 0.5 µH (nominal) | | **Current Rating** | High Current (typically > 5A, varies by specific application) | | **Package Size** | 1616 (Metric) / Specialized Low Profile | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Termination** | RoHS Compliant, Lead-Free | --- ### 2. Key Internal Components & Materials * **Core Material:** Usually a **Manganese-Zinc (MnZn)** or **Nickel-Zinc (NiZn)** ferrite core, designed to handle high frequency while minimizing core losses (heat). * **Winding:** High-conductivity copper wire with high-temperature insulation to prevent short-circuiting under thermal stress. * **Shielding:** Often features magnetic shielding to reduce Electromagnetic Interference (EMI) with neighboring sensitive components. --- ### 3. Application Areas These parts are commonly found in compact electronic assemblies where space is at a premium but power demands are high: 1. **DC-DC Converters:** Used for energy storage and smoothing the output voltage in switching power supplies. 2. **Smartphones & Tablets:** Integrated into the Power Management Integrated Circuit (PMIC) stages. 3. **Noise Suppression:** Acts as a low-pass filter to prevent high-frequency noise from entering the main circuit path. 4. **LED Drivers:** Used to maintain constant current for high-brightness LEDs. --- ### 4. Code Block: Typical Footprint Reference While footprints vary by manufacturer (such as Coilcraft or TDK equivalents), a standard 1616 metric footprint looks like this in PCB design tools: ```markdown # Footprint Dimensions (Approximate) Length: 1.6mm Width: 1.6mm Height: 0.5mm - 1.0mm (Low Profile) ``` --- ### 5. Identification Guide * **CTLM:** Series prefix (often denotes Ceramic/Thin-film or Low-profile Magnetic). * **16:** Dimensions (1.6mm footprint). * **PS:** Power Series / Shielded. * **05:** Inductance value indicator (0.5µH). * **R3:** Revision code or tolerance indicator.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for this component?
    • ⤷ Can you provide a list of equivalent part numbers from other manufacturers?
    • ⤷ How does the DC resistance (DCR) affect its efficiency in a circuit?