Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTM1F-R18J

  • AI
    The **CTM1F-R18J** is a high-reliability molded chip inductor commonly used in surface-mount technology (SMT) applications. It belongs to the **CTM1F Series**, which is designed for telecommunications, instrumentation, and power supply circuits. --- ## 1. Technical Specifications The part number "R18J" provides specific information about its inductance and tolerance. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.18 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Case Size** | 1210 (Metric 3225) | | **Material** | Ferrite Core with Molded Construction | | **Operating Temperature** | -40°C to +125°C | | **Typical Q Factor** | High (optimized for signal integrity) | --- ## 2. Key Features * **Molded Construction:** The epoxy molding protects the internal winding from environmental factors like moisture, mechanical shock, and vibration. * **Excellent Solderability:** Designed for high-speed automated placement and reflow soldering. * **Small Footprint:** The 1210 package size allows for high-density PCB layouts. * **Stable Performance:** Low DC Resistance (DCR) ensures minimal power loss and heat generation. --- ## 3. Applications The CTM1F-R18J is versatile and used across several electronic sectors: 1. **RF Circuits:** Used in matching networks and filters due to its tight tolerance and high Q factor. 2. **Power Decoupling:** Helps filter out high-frequency noise in power lines for sensitive ICs. 3. **Telecommunications:** Integrated into modems, routers, and base station equipment. 4. **Consumer Electronics:** Found in tablets, cameras, and portable audio devices. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in selecting alternatives or similar parts: | Segment | Meaning | | :--- | :--- | | **CTM1F** | Series designation (Molded Chip Inductor) | | **R18** | Inductance value (R = decimal point; 0.18 µH) | | **J** | Tolerance code (J = ±5%, K = ±10%, M = ±20%) | ---
    ✨ Follow-up Questions
    • ⤷ What are the typical maximum DC current ratings for the CTM1F series?
    • ⤷ Are there automotive-grade equivalents (AEC-Q200) for this inductor?
    • ⤷ How does the 'J' tolerance compare to 'K' or 'M' in RF circuit performance?