Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTM1F-R47J

  • AI
    The **CTM1F-R47J** is a specific type of passive electronic component, specifically a **Molded Unshielded Inductor**. It is designed for surface mount or through-hole applications (depending on the specific series variant) where signal filtering and energy storage are required. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTM1F** | Series/Type | Molded Ferrite Core Inductor (General Purpose) | | **R47** | Inductance Value | **0.47 µH** (R acts as a decimal point) | | **J** | Tolerance | **±5%** | --- ## 2. Technical Specifications Below are the typical electrical and physical characteristics associated with this part: | Parameter | Value / Range | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±5% | | **Core Material** | Ferrite | | **DC Resistance (DCR)** | Low (Typically <0.30 Ω) | | **Rated Current** | Moderate (Typically 500mA - 1A range) | | **Self-Resonant Frequency (SRF)** | High (Usually >200 MHz) | | **Operating Temperature** | -55°C to +125°C | --- ## 3. Key Electronic Functions The CTM1F-R47J serves several critical roles in a circuit: ### A. Frequency Filtering Because it has a high Self-Resonant Frequency (SRF), it is excellent for filtering out high-frequency noise from signal lines or power supplies. ### B. Energy Storage In small DC-DC converters, this inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to maintain a steady output voltage. ### C. Impedance Matching In RF (Radio Frequency) circuits, 0.47 µH inductors are often used to match the impedance between different stages of an amplifier or antenna to ensure maximum power transfer. --- ## 4. Construction Details * **Molded Encapsulation:** The internal coil and ferrite core are encased in a tough, molded plastic. This provides excellent mechanical strength and environmental protection against moisture and vibration. * **Unshielded Design:** As an unshielded inductor, it is cost-effective and offers a higher saturation current for its size, but it may emit electromagnetic interference (EMI) to nearby sensitive components. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical package dimensions for the CTM1F series?
    • ⤷ How does an unshielded inductor compare to a shielded one in terms of EMI?
    • ⤷ What are the common alternatives if this specific part is out of stock?