Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTM3F-R27M

  • AI
    The **CTM3F-R27M** is a high-performance **molded power inductor** commonly used in surface-mount technology (SMT) applications. It is designed for circuits requiring high reliability, low electromagnetic interference (EMI), and stable performance under varying temperatures. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical parameters of the CTM3F-R27M: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.27 µH | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Part Series** | CTM3F (Molded Type) | | **Inductance Code** | R27 (0.27 µH) | | **Shielding** | Magnetic Shielding (Molded Construction) | | **Mounting Type** | SMD (Surface Mount Device) | --- ### 2. Core Features & Construction The CTM3F-R27M belongs to the "Molded" category of inductors, which provides several advantages over traditional wire-wound or drum core inductors: * **Magnetic Shielding:** The coil is encapsulated in a metal powder composite. This drastically reduces EMI leakage and prevents the inductor from interfering with nearby sensitive components. * **High Saturation Current:** Because of the composite iron powder core, these inductors handle high peak currents without the inductance dropping off sharply (soft saturation). * **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation, increasing the efficiency of power converters. * **Robustness:** The molded structure provides excellent resistance to mechanical shock, vibration, and moisture. --- ### 3. Application Areas Because of its low inductance (0.27 µH) and high current handling, this component is typically found in: 1. **DC-DC Converters:** Used as the storage element in high-frequency switching regulators. 2. **Voltage Regulator Modules (VRM):** Common in laptop and desktop CPU/GPU power delivery phases. 3. **Smartphones & Tablets:** Used in power management ICs (PMICs) where space is limited and EMI must be controlled. 4. **Automotive Electronics:** Used in infotainment and ADAS systems where reliability is critical. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in selecting equivalents: * **CTM3F**: The series designation (usually indicates size and molded technology). * **R27**: Represents the inductance value. The "R" acts as a decimal point ($0.27$). * **M**: Represents the tolerance level ($M = \pm 20\%$).
    ✨ Follow-up Questions
    • ⤷ What are the maximum rated current and saturation current for the CTM3F-R27M?
    • ⤷ Can you provide the physical dimensions (footprint) for this inductor?
    • ⤷ What are the recommended operating temperature ranges for molded power inductors like this one?